Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT361 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT361
Description  High Performance ActivePSR Primary Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT361 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT361 Datasheet HTML 5Page - Active-Semi, Inc ACT361 Datasheet HTML 6Page - Active-Semi, Inc ACT361 Datasheet HTML 7Page - Active-Semi, Inc ACT361 Datasheet HTML 8Page - Active-Semi, Inc ACT361 Datasheet HTML 9Page - Active-Semi, Inc ACT361 Datasheet HTML 10Page - Active-Semi, Inc ACT361 Datasheet HTML 11Page - Active-Semi, Inc ACT361 Datasheet HTML 12Page - Active-Semi, Inc ACT361 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ACT361
Rev 8, 14-Nov-12
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Figure 3:
Universal VAC Input, 5V/0.7A Output Charger
D1
D2
D3
D4
FR1
L1
C1
+
C2
+
R1
Q1
C7
+
R11
ACT361
SW
GND
L
N
R2
D7
VO
BD
VDD
FB
CS
G
T1
D5
R4
R8
R9
R7
C3
R5
R10
Table 1:
ACT361 Bill of Materials
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
U1
IC, ACT361US-T, SOT23-6
1
Active-Semi
2
C1, C2
Capacitor, Electrolytic, 4.7µF/400V, 8 × 12mm
2
KSC
3
C3
Capacitor, Electrolytic, 4.7µF/35V, 5 × 11mm
1
POE
4
C7
Capacitor, Electrolytic, 470µF/10V, 8 × 12mm
1
KSC
5
D1-D4
Diode, Rectifier, 1000V/1A, 1N4007, DO-41
4
Good-Ark
6
D5
Diode, Ultra Fast, FR102,100V/1.0A, DO-41
1
Good-Ark
7
D7
Diode, Schottky, 40V/2A, SB240, DO-15
1
Good-Ark
8
L1
Axial Inductor, 1.5mH, 0410, DIP
1
Amode Tech
9
Q1
Transistor, NPN, 900V,1.5A, KSB13003AR, TO-92
1
Semi How
10
FR1
Fusible Resistor, 1W, 10Ω, 5%
1
TY-OHM
11
R1, R2
Chip Resistor, 5.1MΩ, 1206, 5%
2
TY-OHM
12
R4
Chip Resistor, 150k, 0805, 5%
1
TY-OHM
14
R7
Chip Resistor, 1.07Ω, 1206, 1%
1
TY-OHM
15
R8
Chip Resistor, 53.6k, 0805, 1%
1
TY-OHM
16
R9
Chip Resistor, 9.76k, 0805, 1%
1
TY-OHM
18
R11
Chip Resistor, 1.1k, 0805, 5%
1
TY-OHM
19
T1
Transformer, LP = 2.3mH±7%, EE16
1
13
R5
Chip Resistor, 22Ω, 0603, 5%
1
TY-OHM
17
R10
Chip Resistor, 22Ω, 0805, 5%
1
TY-OHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com