Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT361 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT361
Description  High Performance ActivePSR Primary Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT361 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT361 Datasheet HTML 5Page - Active-Semi, Inc ACT361 Datasheet HTML 6Page - Active-Semi, Inc ACT361 Datasheet HTML 7Page - Active-Semi, Inc ACT361 Datasheet HTML 8Page - Active-Semi, Inc ACT361 Datasheet HTML 9Page - Active-Semi, Inc ACT361 Datasheet HTML 10Page - Active-Semi, Inc ACT361 Datasheet HTML 11Page - Active-Semi, Inc ACT361 Datasheet HTML 12Page - Active-Semi, Inc ACT361 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ACT361
Rev 8, 14-Nov-12
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Circuit of Figure 6, unless otherwise specified.)
Max. Switching Frequency vs. Temperature
50.6
49.8
49.0
48.2
47.4
46.6
45.8
45.0
Internal MOSFET RON vs. Temperature
2.4
2.0
1.6
1.2
0.8
0.4
0.0
VDD ON/OFF Voltage vs. Temperature
Start Up Supply Current vs. Temperature
20.5
16.5
14.5
12.5
10.5
8.5
6.5
4.5
18.5
Temperature (°C)
0
25
50
75
FB Voltage vs. Temperature
2.25
2.20
2.15
2.10
2.05
2.00
VDDON
VDDOFF
Temperature (°C)
0
25
50
75
28
26
24
22
20
18
16
14
Temperature (°C)
0
25
50
75
Temperature (°C)
0
25
50
75
Temperature (°C)
0
25
50
75
Normalized ILIM vs. Temperature
1.02
1.01
1.00
0.99
0.98
0.97
0.96
0.95
Temperature (°C)
0
25
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com