Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT361 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT361
Description  High Performance ActivePSR Primary Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT361 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT361 Datasheet HTML 1Page - Active-Semi, Inc ACT361 Datasheet HTML 2Page - Active-Semi, Inc ACT361 Datasheet HTML 3Page - Active-Semi, Inc ACT361 Datasheet HTML 4Page - Active-Semi, Inc ACT361 Datasheet HTML 5Page - Active-Semi, Inc ACT361 Datasheet HTML 6Page - Active-Semi, Inc ACT361 Datasheet HTML 7Page - Active-Semi, Inc ACT361 Datasheet HTML 8Page - Active-Semi, Inc ACT361 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 8, 14-Nov-12
High Performance ActivePSR
TM Primary Switching Regulator
ACT361
VDD
G
BD
SW
FB
CS
INPUT
OUTPUT
FEATURES
• Patented Primary Side Regulation
Technology
• No Opto-Coupler
• Best-in-Class Constant Voltage, Constant
Current Accuracy
• Low EMI
• Proprietary Fast Startup Circuit
• Built-in Soft-Start Circuit
• Integrated Line and Primary Inductance
Compensation
• Integrated Programmable Output Cord
Resistance Compensation
• Line Under-Voltage, Output Over-Voltage,
Output Short-Circuit and Over-Temperature
Protection
• Complies with all Global Energy Efficiency
and CEC Average Efficiency Standards
• Adjustable power from 2W to 7W
• Minimum External Components
• Tiny SOT23-6 Package
APPLICATIONS
• Chargers for Cell Phones, PDAs, MP3,
Portable Media Players, DSCs, and Other
Portable Devices and Appliances
• RCC Adapter Replacements
• Linear Adapter Replacements
• Standby and Auxiliary Supplies
GENERAL DESCRIPTION
The ACT361 belongs to the high performance
patented ActivePSRTM Family of Universal-input
AC/DC off-line controllers for battery charger and
adapter applications. It is designed for flyback
topology working in discontinuous conduction mode
(DCM). The ACT361 meets all of the global energy
efficiency regulations (CEC, European Blue Angel,
and US Energy Star standards) while using very
few external components.
The ACT361 ensures safe operation with complete
protection against all fault conditions. Built-in
protection circuitry is provided for output short-
circuit, output over-voltage, line under-voltage, and
over temperature conditions.
The ACT361 ActivePSRTM is optimized for high
performance,
cost-sensitive
applications,
and
utilizes
Active-Semi’s
proprietary
primary-side
feedback architecture to provide accurate constant
voltage, constant current (CV/CC) regulation
without the need of an opto-coupler or reference
device. Integrated line and primary inductance
compensation circuitry provides accurate constant
current operation despite wide variations in line
voltage and primary inductance. Integrated output
cord resistance compensation further enhances
output accuracy. The ACT361 achieves excellent
regulation and transient response, yet requires less
than 150mW of standby power.
The ACT361 is optimized for 2W to 7W
applications. It is available in space-saving 6 pin
SOT23-6 package.
Figure 1:
Simplified Application Circuit
ACT361


Similar Part No. - ACT361

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT361 ACTIVE-SEMI-ACT361 Datasheet
83Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT361 ACTIVE-SEMI-ACT361 Datasheet
330Kb / 14P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
ACT361US-T ACTIVE-SEMI-ACT361US-T Datasheet
83Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT361US-T ACTIVE-SEMI-ACT361US-T Datasheet
330Kb / 14P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
ACT361US-T ACTIVE-SEMI-ACT361US-T Datasheet
330Kb / 13P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
More results

Similar Description - ACT361

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT334 ACTIVE-SEMI-ACT334 Datasheet
103Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT336 ACTIVE-SEMI-ACT336 Datasheet
108Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337 Datasheet
149Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT361 ACTIVE-SEMI-ACT361 Datasheet
83Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365 ACTIVE-SEMI-ACT365 Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT334 ACTIVE-SEMI-ACT334_12 Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_12 Datasheet
402Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT365 ACTIVE-SEMI-ACT365_12 Datasheet
266Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 1, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com