Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4513 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4513
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4513 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4513 Datasheet HTML 2Page - Active-Semi, Inc ACT4513 Datasheet HTML 3Page - Active-Semi, Inc ACT4513 Datasheet HTML 4Page - Active-Semi, Inc ACT4513 Datasheet HTML 5Page - Active-Semi, Inc ACT4513 Datasheet HTML 6Page - Active-Semi, Inc ACT4513 Datasheet HTML 7Page - Active-Semi, Inc ACT4513 Datasheet HTML 8Page - Active-Semi, Inc ACT4513 Datasheet HTML 9Page - Active-Semi, Inc ACT4513 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ACT4513
Rev 7, 14-Nov-12
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
(1)
APPLICATIONS INFORMATION
Output Voltage Setting
Figure 1:
Output Voltage Setting
Figure 1 shows the connections for setting the
output voltage. Select the proper ratio of the two
feedback resistors RFB1 and RFB2 based on the
output voltage. Typically, use RFB2 ≈ 10kΩ and
determine RFB1 from the following equation:
CC Current Setting
ACT4513 constant current value is set by a resistor
connected between the ISET pin and GND. The CC
output current is linearly proportional to the current
flowing out of the ISET pin. The voltage at ISET is
roughly 1V and the current gain from ISET to output
is roughly 25000 (25mA/1µA). To determine the
proper resistor for a desired current, please refer to
Figure 2 below.
Figure 2:
Curve for Programming Output CC Current
CC Current Line Compensation
When operating at constant current mode, the
current limit increase slightly with input voltage. For
wide input voltage applications, a resistor RC is
added to compensate line change and keep output
high CC accuracy, as shown in Figure 3.
Figure 3:
Iutput Line Compensation
Inductor Selection
The inductor maintains a continuous current to the
output load. This inductor current has a ripple that is
dependent on the inductance value:
Higher inductance reduces the peak-to-peak ripple
current. The trade off for high inductance value is
the increase in inductor core size and series
resistance, and the reduction in current handling
capability. In general, select an inductance value L
based on ripple current requirement:
where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, ILOADMAX is
the maximum load current, and KRIPPLE is the ripple
factor. Typically, choose KRIPPLE = 30% to
correspond to the peak-to-peak ripple current being
30% of the maximum load current.
With a selected inductor value the peak-to-peak
inductor current is estimated as:
The peak inductor current is estimated as:
Output Current vs. RISET
RISET (kΩ)
0
10
20
30
40
50
60
70
90
80
2400
2000
1600
1200
800
400
0
⎟
⎠
⎞
⎜
⎝
⎛
−
=
1
V
808
.
0
V
R
R
OUT
2
FB
1
FB
(2)
(
)
RIPPLE
LOADMAX
SW
IN
OUT
IN
OUT
K
I
f
V
V
V
V
L
_
×
=
(3)
(
)
SW
IN
OUT
IN
OUT
PK
LPK
f
V
L
V
V
V
I
×
×
×
=
_
_
PK
LPK
LOADMAX
LPK
_
I
2
1
I
I
+
=
(4)
Rc
RISET
IN
VIN
ISET
ACT4513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com