Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4513 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT4513
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4513 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT4513 Datasheet HTML 3Page - Active-Semi, Inc ACT4513 Datasheet HTML 4Page - Active-Semi, Inc ACT4513 Datasheet HTML 5Page - Active-Semi, Inc ACT4513 Datasheet HTML 6Page - Active-Semi, Inc ACT4513 Datasheet HTML 7Page - Active-Semi, Inc ACT4513 Datasheet HTML 8Page - Active-Semi, Inc ACT4513 Datasheet HTML 9Page - Active-Semi, Inc ACT4513 Datasheet HTML 10Page - Active-Semi, Inc ACT4513 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ACT4513
Rev 7, 14-Nov-12
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
(6)
ESR
RIPPLE
OUTMAX
RIPPLE
R
K
I
V
=
OUT
2
SW
IN
LC
f
28
V
×
+
APPLICATIONS INFORMATION CONT’D
The selected inductor should not saturate at ILPK.
The maximum output current is calculated as:
LLIM is the internal current limit, which is typically
3.2A, as shown in Electrical Characteristics Table.
External High Voltage Bias Diode
It is recommended that an external High Voltage
Bias diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The High Voltage Bias diode can be a
low cost one such as IN4148 or BAT54.
Figure 4:
External High Voltage Bias Diode
This diode is also recommended for high duty cycle
operation and high output voltage applications.
Input Capacitor
The input capacitor needs to be carefully selected
to maintain sufficiently low ripple at the supply input
of the converter. A low ESR capacitor is highly
recommended. Since large current flows in and out
of this capacitor during switching, its ESR also
affects efficiency.
The input capacitance needs to be higher than
10µF. The best choice is the ceramic type,
however, low ESR tantalum or electrolytic types
may also be used provided that the RMS ripple
current rating is higher than 50% of the output
current. The input capacitor should be placed close
to the IN and GND pins of the IC, with the shortest
traces possible. In the case of tantalum or
electrolytic types, they can be further away if a
small parallel 0.1µF ceramic capacitor is placed
right next to the IC.
Output Capacitor
The output capacitor also needs to have low ESR to
keep low output voltage ripple. The output ripple
voltage is:
Where IOUTMAX is the maximum output current,
KRIPPLE is the ripple factor, RESR is the ESR of the
output capacitor, fSW is the switching frequency, L is
the inductor value, and COUT is the output
capacitance. In the case of ceramic output
capacitors, RESR is very small and does not
contribute to the ripple. Therefore, a lower
capacitance value can be used for ceramic type. In
the case of tantalum or electrolytic capacitors, the
ripple is dominated by RESR multiplied by the ripple
current. In that case, the output capacitor is chosen
to have sufficiently low ESR.
For ceramic output capacitor, typically choose a
capacitance of about 22µF. For tantalum or
electrolytic capacitors, choose a capacitor with less
than 50mΩ ESR.
Rectifier Diode
Use a Schottky diode as the rectifier to conduct
current when the High-Side Power Switch is off.
The Schottky diode must have current rating higher
than the maximum output current and a reverse
voltage rating higher than the maximum input
voltage.
(5)
PK
LPK
LIM
OUTMAX
I
2
1
I
I
_
_
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com