Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4513 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4513
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4513 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4513 Datasheet HTML 1Page - Active-Semi, Inc ACT4513 Datasheet HTML 2Page - Active-Semi, Inc ACT4513 Datasheet HTML 3Page - Active-Semi, Inc ACT4513 Datasheet HTML 4Page - Active-Semi, Inc ACT4513 Datasheet HTML 5Page - Active-Semi, Inc ACT4513 Datasheet HTML 6Page - Active-Semi, Inc ACT4513 Datasheet HTML 7Page - Active-Semi, Inc ACT4513 Datasheet HTML 8Page - Active-Semi, Inc ACT4513 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
Up to 40V Input Voltage
Up to 2A output current
Output Voltage up to 12V
Patent Pending Active CC Sensorless Constant
Current Control
Integrated Current Control Improves
Efficiency, Lowers Cost, and Reduces
Component Count
Resistor Programmable
Current Limit from 750mA to 2A
Patented Cable Compensation from 0Ω to
0.5Ω
±7.5% CC Accuracy
Compensation of Input /Output Voltage Change
Temperature Compensation
Independent of inductance and Inductor DCR
2% Feedback Voltage Accuracy
Up to 93% Efficiency
210kHz Switching Frequency Eases EMI Design
Advanced Feature Set
Integrated Soft Start
Thermal Shutdown
Secondary Cycle-by-Cycle Current Limit
Protection Against Shorted ISET Pin
SOP-8EP Package
APPLICATIONS
Car Charger/ Adaptor
Rechargeable Portable Devices
General-Purpose CC/CV Supply
GENERAL DESCRIPTION
ACT4513 is a wide input voltage, high efficiency
Active CC step-down DC/DC converter that
operates in either CV (Constant Output Voltage)
mode or CC (Constant Output Current) mode.
ACT4513 provides up to 2A output current at
210kHz switching frequency.
Active CC is a patent-pending control scheme to
achieve highest accuracy sensorless constant
current control. Active CC eliminates the expensive,
high accuracy current sense resistor, making it ideal
for battery charging applications and adaptors with
accurate current limit. The ACT4513 achieves
higher efficiency than traditional constant current
switching regulators by eliminating its associated
power loss.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-
8EP package and require very few external devices
for operation.
ACT4513
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
Output Current (A)
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
6.0
5.0
4.0
3.0
2.0
1.0
0.0
CC/CV Curve
VIN = 24V
VIN = 12V


Similar Part No. - ACT4513

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4513YH-T ACTIVE-SEMI-ACT4513YH-T Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4513YH-T ACTIVE-SEMI-ACT4513YH-T Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
More results

Similar Description - ACT4513

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com