Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS616LSG Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS616LSG
Description  The ATS616 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to..
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS616LSG_10 Datasheet HTML 3Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 4Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 5Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 9Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 10Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor IC
ATS616LSG
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Data (continued)
Relative Timing Accuracy versus Ambient Temperature
rpm
rpm
rpm
Signature Tooth Rising Edge
0.5 mm
T
A (°C)
T
A (°C)
T
A (°C)
Relative Timing Accuracy versus Ambient Temperature
Relative Timing Accuracy versus Ambient Temperature
Sequential Tooth Falling Edge
0.5 mm
Sequential Tooth Rising Edge
0.5 mm
Relative Timing Accuracy versus Ambient Temperature
Signature Tooth Falling Edge
0.5 mm
T
A (°C)
rpm
10
100
500
1000
1500
2000
10
100
500
1000
1500
2000
10
100
500
1000
1500
2000
10
100
500
1000
1500
2000
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
–50
200
150
100
50
0
–50
200
150
100
50
0
–50
200
150
100
50
0
–50
200
150
100
50
0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com