Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS616LSG Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS616LSG
Description  The ATS616 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to..
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS616LSG_10 Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 9Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 10Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 11Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 12Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 13Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor IC
ATS616LSG
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Device Evaluation: EMC (Electromagnetic Compatibility)
Characterization Only
Mechanical Information
Test Name*
Reference Specification
ESD – Human Body Model
AEC-Q100-002
ESD – Machine Model
AEC-Q100-003
Conducted Transients
ISO 7637-1
Direct RF Injection
ISO 11452-7
Bulk Current Injection
ISO 11452-4
TEM Cell
ISO 11452-3
*Please contact Allegro MicroSystems for EMC performance
Component
Material
Description
Value
Package Material
Thermoset Epoxy
Maximum Temperature
170°Ca
Leads
Copper
0.016 in. thick
aTemperature excursions of up to 225°C for 2 minutes or less are permitted.
bIndustry accepted soldering techniques are acceptable for this package as long as the indicated maximum temperature is not exceeded.
Additional soldering information is available on the Allegro Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com