Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS616LSG Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS616LSG
Description  The ATS616 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to..
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS616LSG_10 Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 9Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 10Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 11Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 12Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 13Page - Allegro MicroSystems ATS616LSG_10 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor IC
ATS616LSG
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
(normal AC coupling) is a commonly used technique for elimi-
nating circuit offsets. However, AC coupling has errors at power-
on because the filter circuit needs to hold the circuit zero value
even though the circuit may power-on over a large signal. Such
filtering techniques can only perform properly after the filter
has been allowed to settle, which typically takes longer than 1s.
Also, high-pass filter solutions cannot easily track rapidly chang-
ing baselines, such as those caused by eccentricities. (The term
baseline refers to a 0 G differential field, where each Hall-effect
element is subject to the same magnetic field strength; see figure
3.) In contrast, peak detecting designs switch at the change in
slope of the differential signal, and so are baseline-independent
both at power-on and while running.
Peak Detecting vs. Zero-Crossing Reference.
The usual dif-
ferential zero-crossing sensor ICs are susceptible to false switch-
ing due to off-center and tilted installations that result in a shift
of the baseline that changes with air gap. The track-and-hold
peak detection technique ignores baseline shifts versus air gaps
and provides increased immunity to false switching. In addition,
using track-and-hold peak detection techniques, increased air
gap capabilities can be expected because peak detection utilizes
the entire peak-to-peak signal range, as compared to zero-cross-
ing detectors, which switch at half the peak-to-peak signal.
Power-On Operation.
The device powers-on in the Off state
(output voltage high), irrespective of the magnetic field condi-
tion. The power-up time of the circuit is no greater than 500 μs.
The circuit is then ready to accurately detect the first target edge
that results in a high-to-low transition of the device output.
Undervoltage Lockout (UVLO).
When the supply voltage, VCC,
is below the minimum operating voltage, VCC(UV), the device is
off and stays off, irrespective of the state of the magnetic field.
This prevents false signals, which may be caused by undervolt-
age conditions (especially during power-up), from appearing at
the output.
Output.
The device output is an open-collector stage capable of
sinking up to 20 mA. An external pull-up (resistor) must be sup-
plied to a supply voltage of not more than 24 V.
Output Polarity.
The output of the unit will switch from low to
high as the leading edge of a tooth passes the branded face of the
package in the direction indicated in figure 6. This means that in
such a configuration, the output voltage will be high when the
package is facing a tooth. If the target rotation is in the oppo-
site direction relative to the package, the output polarity will be
opposite as well, with the unit switching from low to high as the
leading edge passes the unit.
of Package
Rotating Target
Branded Face
1
4
Figure 6. This left-to-right (pin 1 to pin 4) direction of target rotation
results in a high output signal when a tooth of the target gear is nearest
the branded face of the package. A right-to-left (pin 4 to pin 1) rotation
inverts the output signal polarity.
Figure 7. The magnetic profile reflects the geometry of the target, allowing the device to present an accurate digital output response.
Target
Mechanical Profile
Target
Magnet ic Profile
IC Out put
Elect rical Profile
Target Motion from
Pin 1 to Pin 4
IC Out put
Elect rical Profile
Target Motion from
Pin 4 to Pin 1
Signature Tooth
B+
B
IN
V+
V
OUT
V+
V
OUT
IC Output
Switch State
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com