Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS657LSHTN-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS657LSHTN-T
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657LSHTN-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS657LSHTN-T Datasheet HTML 3Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 4Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 5Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
ATS657
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Data Protocol Description
When a target passes in front of the branded face of the pack-
age, each tooth of the target generates a pulse at the output of the
IC. Each pulse provides target speed and direction data: speed
is provided by the pulse rate, while direction of target rotation is
provided by the pulse width.
The ATS657 can sense target movement in both the forward and
reverse directions. The maximum allowable target rotational
speed is limited by the width of the output pulse and the shortest
low-state duration the system controller can resolve.
Forward Rotation
(see panel A in figure 1) When the target is
rotating such that a tooth near the package passes from pin 4 to
pin 1, this is referred to as forward rotation. Forward rotation is
indicated on the output by a tw(FWD) (45 μs typical) pulse width.
Reverse Rotation
(see panel B in figure 1) When the target is
rotating such that a tooth passes from pin 1 to pin 4, it is referred
to as reverse rotation. Reverse rotation is indicated on the output
by a tw(REV) (90 μs typical) pulse width, twice as long as the pulse
generated by forward rotation.
Non-Direction Output
In situations where the IC is not able to
discern direction of target rotation, as occurs during initial cali-
bration or during target vibration, the output pulse width is tw(ND).
Timing
As shown in figure 2, the pulse appears at the output
slightly before the sensed magnetic edge traverses the branded
face. For targets in forward rotation, this shift, Δfwd, results in
the pulse corresponding to the valley with the sensed mechanical
edge, and for targets in reverse rotation, the shift, Δrev, results in
the pulse corresponding to the tooth with the sensed edge. The
sensed mechanical edge that stimulates output pulses is kept the
same for both forward and reverse rotation by using only channel
1 for switching.
The overall range between the forward and reverse pulse occur-
rences is determined by the 1.5 mm spacing between the Hall
elements of the corresponding differential channel. In either
direction, the pulses appear close to the sensed mechanical edge.
The size of the target features, however, can slightly bias the
occurrence of the pulses.
(A) Forward Rotation
(B) Reverse Rotation
Rotating Target
Branded Face
of Package
Pin 1
Pin 4
Pin 1
Pin 4
Rotating Target
Branded Face
of Package
Figure 1. Target rotation
Figure 2. Output pulse timing
∆rev
tw(REV) 90 μs
Reverse Rotation
Forward Rotation
Output Pulse
(Forward Rotation)
Output Pulse
(Reverse Rotation)
Tooth
Valley
∆fwd
tw(FWD) 45 μs
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com