Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS657LSHTN-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS657LSHTN-T
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657LSHTN-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS657LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 12Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 13Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 14Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
ATS657
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Undervoltage Lockout
When the supply voltage falls below the minimum operating volt-
age, VCC(UV), ICC goes to the Power-On state and remains regard-
less of the state of the magnetic gradient from the target. This
lockout feature prevents false signals, caused by undervoltage
conditions, from propagating to the output of the IC. ICC levels
may not meet datasheet limits when VCC < VCC(min).
Power Supply Protection
The device contains an on-chip regulator and can operate over a
wide VCC range. For devices that need to operate from an unregu-
lated power supply, transient protection must be added externally.
For applications using a regulated line, EMI/RFI protection may
still be required. Contact Allegro for information on the circuitry
needed for compliance with various EMC specifications. Refer to
figure 7 for an example of a basic application circuit.
Automatic Gain Control (AGC)
This feature allows the device to operate with an optimal internal
electrical signal, regardless of the air gap (within the AG speci-
fication). At power-on, the device determines the peak-to-peak
amplitude of the signal generated by the target. The gain of the
IC is then automatically adjusted. Figure 8 illustrates the effect
of this feature. The two differential channels have their gain set
independent of each other, so both channels may or may not have
the same gain setting.
Automatic Offset Adjust (AOA)
The AOA circuitry, when combined with AGC, automatically
compensates for the effects of chip, magnet, and installation
offsets. (For capability, see Allowable User Induced Differential
Offset, in the Electrical Characteristics table.) This circuitry is
continuously active, including both during Power-On mode and
Running mode, compensating for offset drift. Continuous opera-
tion also allows it to compensate for offsets induced by tempera-
ture variations over time. Similar to AGC, the AOA is set inde-
pendently for each channel, so the offset adjust is set per channel,
based on the offset characteristics of that specific channel.
Figure 8. Automatic Gain Control (AGC). The AGC function corrects for
variances in the air gap. Differences in the air gap cause differences in
the magnetic field at the device, but AGC prevents that from affecting
device performance, as shown in the lowest panel.
Figure 7. Typical application circuit
Mechanical Profile
AGSmall
AGLarge
AGSmall
AGLarge
Internal Differential Signal
Response, without AGC
Internal Differential Signal
Response, with AGC
Ferrous Target
V+
V+
2
ATS657
1
3
4
0.01 F (optional)
100
R
L
C
L
C
BYPASS
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com