Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS657LSHTN-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS657LSHTN-T
Description  The ATS657 includes an optimized Hall-effect sensing integrated circuit (IC) and rare earth pellet to create a user..
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS657LSHTN-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS657LSHTN-T Datasheet HTML 1Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 2Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 3Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 4Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 5Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS657LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Description
The ATS657 includes an optimized Hall-effect sensing
integrated circuit (IC) and rare earth pellet to create a user-
friendly solution for direction detection and true zero-speed,
digital gear tooth sensing in two-wire applications. The small
package can be easily assembled and used in conjunction with
a wide variety of gear tooth sensing applications.
The IC employs patented algorithms for the special operational
requirements of automotive transmission applications.
The speed and direction of the target are communicated by
this two-wire device through a variable pulse width output
protocol. The advanced vibration detection algorithm
systematically calibrates the IC on the initial teeth of a true
rotation signal and not on vibration, always guaranteeing
an accurate signal in running mode. Even the high angular
vibration caused by engine cranking is completely rejected
by the device.
Patented running mode algorithms also protect against air
gap changes whether or not the target is in motion. Advanced
signal processing and innovative algorithms make theATS657
an ideal solution for a wide range of speed and direction
sensing needs.
The device package is lead (Pb) free, with 100% matte tin
leadframe plating.
ATS657-DS, Rev. 3
Features and Benefits
▪ Rotational direction detection
▪ High start-up and running mode vibration immunity
▪ Single-chip sensing IC for high reliability
▪ Internal current regulator for two-wire operation
▪ Variable pulse width output protocol
▪ Automatic Gain Control (AGC) and offset adjust circuit
▪ True zero-speed operation
▪ Wide operating voltage range
▪ Undervoltage lockout
▪ ESD and reverse polarity protection
Dynamic, Self-Calibrating, Threshold-Detecting, Differential
Speed and Direction Hall-Effect Gear Tooth Sensor IC
Package: 4-pin SIP (suffix SH)
Functional Block Diagram
Not to scale
ATS657
Internal
Regulator
VCC
Offset
Adjust
PDAC
NDAC
THRESHP
Reference
Generator
and Update
THRESHN
Offset
Adjust
PDAC
NDAC
THRESHP
Reference
Generator
THRESHN
AGC
AGC
+
–
+
Threshold
Logic
+
+
Threshold
Logic
Speed and
Direction
Logic
Peak
Detection
Logic
Output
Protocol
Control
and Update
–
–
–
GND


Similar Part No. - ATS657LSHTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS651LSH ALLEGRO-ATS651LSH Datasheet
438Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH ALLEGRO-ATS651LSH Datasheet
344Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSHTN-T ALLEGRO-ATS651LSHTN-T Datasheet
438Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSHTN-T ALLEGRO-ATS651LSHTN-T Datasheet
344Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH ALLEGRO-ATS651LSH_05 Datasheet
344Kb / 12P
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
More results

Similar Description - ATS657LSHTN-T

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
Allegro MicroSystems
A1126 ALLEGRO-A1126 Datasheet
274Kb / 14P
The A1126 integrated circuit is an omnipolar, ultrasensitive Hall-effect switch with a digital output.
ATS636LSE ALLEGRO-ATS636LSE_12 Datasheet
348Kb / 15P
The ATS636LSE programmable, true power-on state (TPOS), device is optimized Hall-effect IC and rare-earth pellet combinations that switch in response to magnetic signals...
ATS642LSH ALLEGRO-ATS642LSH_09 Datasheet
353Kb / 16P
The ATS642LSH is an optimized Hall effect sensing integrated circuit and magnet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications.
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
The EK302DL is an evaluation kit designed to provide the user with a complete
08-Jun-2007
logo
Allegro MicroSystems
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
Fully Integrated, Hall-Effect Based Current Sensor IC
logo
NANJING AH ELECTRONICS ...
AH3503 AHNJ-AH3503 Datasheet
211Kb / 2P
Integrated circuit includes a voltage regulator, Hall-voltage generator
logo
Allegro MicroSystems
ACS73369 ALLEGRO-ACS73369 Datasheet
695Kb / 22P
Customer-Programmable Linear Hall-Effect Sensor Optimized for Use in Current Sensing Applications
ATS344 ALLEGRO-ATS344 Datasheet
1Mb / 36P
High-Precision Linear Hall-Effect Sensor IC with Two-Wire Current-Mode PWM Output and an Integrated Rare-Earth Pellet Package
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
touch sensing IC is an integrated circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com