Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5313 Datasheet HTML 5Page - Analog Devices AD5313 Datasheet HTML 6Page - Analog Devices AD5313 Datasheet HTML 7Page - Analog Devices AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. F
AD5305/AD5315/AD5325
–9–
GAIN ERROR
VDD (V)
0.2
–0.6
01
3
0
–0.4
TA = 25 C
VREF = 2V
46
–0.5
–0.3
–0.2
–0.1
0.1
25
OFFSET ERROR
TPC 10. Offset Error and
Gain Error vs. VDD
VDD (V)
600
0
500
100
200
300
400
2.5
3.0
4.0
4.5
5.5
3.5
5.0
+105 C
40 C
+25 C
TPC 13. Supply Current vs.
Supply Voltage
VOUTA
5µs
TA = 25 C
VDD = 5V
VREF = 5V
CH1
CH2
SCL
CH1 1V, CH2 5V, TIME BASE = 1 s/DIV
TPC 16. Half-Scale Settling (1/4 to
3/4 Scale Code Change)
5V SOURCE
SINK/SOURCE CURRENT (mA)
5
0
01
3
4
46
1
2
3
25
3V SOURCE
3V SINK
5V SINK
TPC 11. VOUT Source and
Sink Current Capability
VDD (V)
0.5
0
0.4
0.1
0.2
0.3
2.5
3.0
4.0
4.5
5.5
3.5
5.0
105 C
40 C
25 C
TPC 14. Power-Down Current
vs. Supply Voltage
VDD
CH1
CH2
VOUTA
CH1 2V, CH2 200mV, TIME BASE = 200 s/DIV
5µs
TA = 25 C
VDD = 5V
VREF = 2V
TPC 17. Power-On Reset to 0 V
CODE
600
0
500
100
200
300
400
TA = 25 C
VDD = 5V
VREF =2V
ZERO SCALE
FULL SCALE
TPC 12. Supply Current vs.
DAC Code
VLOGIC (V)
750
450
0
550
650
1.0
2.0
3.0
4.0
5.0
TA = 25 C
VDD = 5V
VDD = 3V
INCREASING
DECREASING
TPC 15. Supply Current vs. Logic
Input Voltage for SDA and SCL
Voltage Increasing and Decreasing
VOUTA
CH1
CH2
SCL
CH1 500mV, CH2 5V, TIME BASE = 1 s/DIV
TA = 25 C
VDD = 5V
VREF = 2V
TPC 18. Exiting Power-Down
to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com