Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 3 Page - Analog Devices

  AD5313 Datasheet HTML 1Page - Analog Devices AD5313 Datasheet HTML 2Page - Analog Devices AD5313 Datasheet HTML 3Page - Analog Devices AD5313 Datasheet HTML 4Page - Analog Devices AD5313 Datasheet HTML 5Page - Analog Devices AD5313 Datasheet HTML 6Page - Analog Devices AD5313 Datasheet HTML 7Page - Analog Devices AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. F
AD5305/AD5315/AD5325
–3–
AC CHARACTERISTICS1
(VDD = 2.5 V to 5.5 V; RL = 2 k
to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless
otherwise noted.)
A Version
2
B Version
2
Parameter
1
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD (Normal Mode)
7
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
600
900
600
900
µA
VDD = 2.5 V to 3.6 V
500
700
500
700
µA
IDD (Power-Down Mode)
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
µAI
DD = 4
µA (Max) During 0
Readback on SDA
VDD = 2.5 V to 3.6 V
0.08
1
0.08
1
µAI
DD = 1.5
µA (Max) During 0
Readback on SDA
NOTES
1See the Terminology section.
2Temperature range (A, B Version): –40
°C to +105°C; typical at +25°C.
3DC specifications tested with the outputs unloaded.
4Linearity is tested using a reduced code range: AD5305 (Code 8 to 248); AD5315 (Code 28 to 995); AD5325 (Code 115 to 3981).
5Guaranteed by design and characterization, not production tested.
6For the amplifier output to reach its minimum voltage, offset error must be negative; to reach its maximum voltage, V
REF = VDD and offset plus gain error must be
positive.
7I
DD specification is valid for all DAC codes. Interface inactive. All DACs active and excluding load currents.
Specifications subject to change without notice.
A, B Version
3
Parameter
2
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
AD5305
6
8
µs
1/4 Scale to 3/4 Scale Change (0x40 to 0xC0)
AD5315
7
9
µs
1/4 Scale to 3/4 Scale Change (0x100 to 0x300)
AD5325
8
10
µs
1/4 Scale to 3/4 Scale Change (0x400 to 0xC00)
Slew Rate
0.7
V/
µs
Major-Code Transition Glitch Energy
12
nV-s
1 LSB Change around Major Carry
Digital Feedthrough
1
nV-s
Digital Crosstalk
1
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V
± 0.1 V p-p
Total Harmonic Distortion
–70
dB
VREF = 2.5 V
± 0.1 V p-p, Frequency = 10 kHz
NOTES
1Guaranteed by design and characterization, not production tested.
2See the Terminology section.
3Temperature range (A, B Version): –40
°C to +105°C; typical at +25°C.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com