Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices AD5313 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. F
–14–
AD5305/AD5315/AD5325
READ OPERATION
When reading data back from the AD5305/AD5315/AD5325
DACs, the user begins with an address byte (R/
W = 0), after which
the DAC will acknowledge that it is prepared to receive data by
pulling SDA low. This address byte is usually followed by the
pointer byte, which is also acknowledged by the DAC. Following
this, there is a repeated start condition by the master and the
address is resent with R/
W = 1. This is acknowledged by the DAC
indicating that it is prepared to transmit data. Two bytes of data
are then read from the DAC, as shown in Figure 9. A STOP
condition follows.
However, if the master sends an ACK and continues clocking
SCL (no STOP is sent), the DAC will retransmit the same two
bytes of data on SDA. This allows continuous readback of data
from the selected DAC register.
Alternatively, the user may send a START followed by the address
with R/
W = 1. In this case, the previously loaded pointer settings
are used and readback of data can commence immediately.
DATA BYTE
LEAST SIGNIFICANT DATA BYTE
00
0
1
1
A0
R/
W
XX
LSB
ACK
BY
AD53x5
SCL
SDA
START
COND
BY
MASTER
ACK
BY
AD53x5
MSB
SCL
SDA
00
0
1
1
0
A0
R/
W
MSB
LSB
ACK
BY
MASTER
REPEATED
START
COND
BY
MASTER
ACK
BY
AD53x5
ADDRESS BYTE
SCL
SDA
MSB
LSB
NO
ACK
BY
MASTER
STOP
COND
BY
MASTER
POINTER BYTE
ADDRESS BYTE
0
NOTE: DATA BYTES ARE THE SAME AS THOSE IN THE WRITE SEQUENCE EXCEPT THAT DON’T CARES ARE READ BACK AS 0s.
Figure 9. Readback Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com