Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMB3XXX Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSMB3XXX
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSMB3XXX Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSMB3XXX Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSMB3XXX Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HSMB200701
Issued Date : 2007.11.01
Revised Date : 2007.11.05
Page No. : 1/2
HSMB320 thru HSMB3100
HSMC Product Specification
HSMB320 thru HSMB3100
DO-214AA(SMB)
Schottky Barrier Rectifiers
(Reverse Voltage 20 to 100V, Forward Current 3A)
Features
• Low Forward Voltage Drop
• High Current Capability
• High Reliability
• High Surge Current Capabilit
Mechanical Data
• Case: JEDEC DO-214AA(SMB) molded plastic
• Polarity: Color band denotes cathode
• Weight: 0.003 ounce, 0.093 gram
Maximum Ratings & Electrical Characteristics
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load. Derate current by 20%.
Ratings
Symbol
HSMB
320
HSMB
330
HSMB
340
HSMB
350
HSMB
360
HSMB
380
HSMB
3100
Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Surge Peak Reverse Voltage
VRSM
14
21
28
35
42
57
71
V
DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Average Forward Rectified Current (TA=75
oC)
IFAV
3
A
Peak Forward Surge Current, 50Hz Half
Sine-wave (TA=25
oC)
IFSM
80
A
Repetitive Peak Forward C (f>15Hz)
IFRM
12
A
Instantaneous Forward Voltage
VF
0.48
0.52
0.7
0.8
V
Leakage Current (TJ=25
oC, V
R=VRRM)
0.1
mA
Leakage Current (TJ=100
oC, V
R=VRRM)
IR
2
mA
Typical Junction Capacitance
CJ
170
pF
Rating for Fusing, t<10ms (TA=25
oC)
i
2t
12.5
A
2s
Thermal Resistance Junction to Ambient Air
RθJA
50
°C/W
Thermal Resistance Junction to Lead
RθJL
15
°C/W
Operating Junction Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
ESD Protection Voltage
VESD
>8
KV


Similar Part No. - HSMB3XXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMB-A100 HP-HSMB-A100 Datasheet
116Kb / 13P
Surface Mount LED Indicator
HSMB-A100 HP-HSMB-A100 Datasheet
152Kb / 14P
Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
HSMB-A100-J00J1 HP-HSMB-A100-J00J1 Datasheet
67Kb / 2P
PLCC-2 SMT LED
HSMB-A100-J00J1 HP-HSMB-A100-J00J1 Datasheet
116Kb / 13P
Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMB-A100-J00J1 AVAGO-HSMB-A100-J00J1 Datasheet
330Kb / 13P
Surface Mount LED Indicator
More results

Similar Description - HSMB3XXX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com