Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110901-0010 Datasheet(PDF) 35 Page - ITT Industries

Part # 110901-0010
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 Datasheet(HTML) 35 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 31Page - ITT Industries 110901-0010 Datasheet HTML 32Page - ITT Industries 110901-0010 Datasheet HTML 33Page - ITT Industries 110901-0010 Datasheet HTML 34Page - ITT Industries 110901-0010 Datasheet HTML 35Page - ITT Industries 110901-0010 Datasheet HTML 36Page - ITT Industries 110901-0010 Datasheet HTML 37Page - ITT Industries 110901-0010 Datasheet HTML 38Page - ITT Industries 110901-0010 Datasheet HTML 39Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
34
ZIF Connectors
DL4
DL4 — Metal Frame — 624 Pin Connector — Square Post Contacts
Plug
Receptacle
Part Number
Nomenclature
A
110959-0011
DL4-624PW4
15,37 (.605)
110959-0035
DL4-624PW4A
15,37 (.605)
110959-0042
DL4-624PW6A
7,11 (.280)
Part Number
Nomenclature
A
110960-0022
DL4-624RW4
15,37 (.605)
110960-0045
DL4-624RW4B
15,37 (.605)
110960-0048
DL4-624RW6B
7,11 (.280)
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Actuating handle is part of completed
assembly.
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
76,20
(3.000)
89,28
(3.515)
MAX
111,76 (4.400)
104,14 (4.100)
MAX
122,44 (4.820)
MAX
5X Ø 4,52-4,19
(.181-.165)
101,85
(4.010)
MAX
18,42 (.725)
MAX
4X R 12,70
(.500)
9,14 (.360)
5,08 (.200)
12,70
(.500)
44,45
(1.750)
11 SPACES @ 2,54 (.100)
= 27,94 (1.100)
11 SPACES @ 2,54 (.100)
= 27,94 (1.100)
66,04
(2.600)
2,16 (.085)
MIN
41,40
(1.630)
MAX
9,52 (.375)
MAX
6,35 (.250)
MAX
10,01 (.394)
R 7,62
(.300) MAX
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
80,64
(3.175)
0,64 (.025)
20,32 (.800)
MAX
A
3,18 (.125)
R 19,30 (.760)
MAX
R 76,84 (3.025)
MAX
76,20
(3.000)
101,85
(4.010)
MAX
111,76 (4.400)
122,44 (4.820)
MAX
12,70
(.500)
5X Ø 4,60-4,19
(.181-.165)
44,45
(1.750)
5,08 (.200)
4X R 12,70 (.500)
95,76
(3.770)
MAX
11 SPACES @ 2,54 (.100)
= 27,94 (1.100)
11 SPACES @ 2,54 (.100)
= 27,94 (1.100)
66,04
(2.600)
104,14 (4.100)
MAX
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
0,64 (.025)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
80,64
(3.175)
9,65 (.380)
MAX
3,18 (.125)
9,14 (.360)
21,59 (.850)
MAX
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com