Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110901-0010 Datasheet(PDF) 13 Page - ITT Industries

Part # 110901-0010
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 Datasheet(HTML) 13 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 9Page - ITT Industries 110901-0010 Datasheet HTML 10Page - ITT Industries 110901-0010 Datasheet HTML 11Page - ITT Industries 110901-0010 Datasheet HTML 12Page - ITT Industries 110901-0010 Datasheet HTML 13Page - ITT Industries 110901-0010 Datasheet HTML 14Page - ITT Industries 110901-0010 Datasheet HTML 15Page - ITT Industries 110901-0010 Datasheet HTML 16Page - ITT Industries 110901-0010 Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
12
ZIF Connectors
DL/DLM/DLD
How to Order — Plug
Contact Style
Nomenclature
Part Number
Size
Type
No. of Contacts
Contact Style
Page Reference
Crimp AWG #42-#18
(50
µ inches Gold, BUMP in Plug)
Note: Crimp Contacts Sold Separately
DL1-156P
110535-0000
DL1
Plastic Body
156 Pin Connector
Crimp
14
DLM1-156P
127050-0204
DLM1
Metal Body
156 Pin Connector
Crimp
16
DLD1-156P
111496-0000
DLD1
Plastic Body
156 Pin Connector
Crimp
19
DL2-96P
110777-0000
DL2
Plastic Body
96 Pin Connector
Crimp
21
DLM2-96P
127050-0212
DLM2
Metal Body
96 Pin Connector
Crimp
23
DLD2-96P
111922-0000
DLD2
Plastic Body
96 Pin Connector
Crimp
26
DL3-60P
110900-0008
DL3
Plastic Body
60 Pin Connector
Crimp
28
DLM3-60P
127050-0220
DLM3
Metal Body
60 Pin Connector
Crimp
30
DL4-624P
110959-0002
DL4
Metal Frame
624 Pin Connector
Crimp
33
DL4-1248P
110959-0003
DL4
Metal Frame
1248 Pin Connector
Crimp
**
DL4-2496P
110959-0004
DL4
Metal Frame
2496 Pin Connector
Crimp
**
DL5-260P
111986-0014
DL5
Plastic Body
260 Pin Connector
Crimp
35
DLM5-260P
127050-0109
DLM5
Metal Body
260 Pin Connector
Crimp
37
DLM6-360P
127050-0034
DLM6
Metal Body
360 Pin Connector
Crimp
40
Square Post 7,11 (.280) Ext.
50
µ inches Gold, BUMP
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
Interconnect Termination
DL1-156PW6A*
110535-0030
DL1
Plastic Body
156 Pin Connector
Square Post
15
DLM1-156PW6A*
112134-0000
DLM1
Metal Body
156 Pin Connector
Square Post
17
DLD1-156PW6A*
111496-0002
DLD1
Plastic Body
156 Pin Connector
Square Post
20
DL2-96PW6A*
110777-0025
DL2
Plastic Body
96 Pin Connector
Square Post
22
DLM2-96PW6A*
112136-0000
DLM2
Metal Body
96 Pin Connector
Square Post
24
DLD2-96PW6A*
111922-0002
DLD2
Plastic Body
96 Pin Connector
Square Post
27
DL3-60PW6A*
110900-0014
DL3
Plastic Body
60 Pin Connector
Square Post
29
DLM3-60PW6A*
112138-0000
DLM3
Metal Body
60 Pin Connector
Square Post
31
DL4-624PW6A*
110959-0042
DL4
Metal Frame
624 Pin Connector
Square Post
34
DL5-260PW6A*
111986-0000
DL5
Plastic Body
260 Pin Connector
Square Post
36
DLM5-260PW6A*
112086-0000
DLM5
Metal Body
260 Pin Connector
Square Post
38
DLM6-360PW6A*
111995-0000
DLM6
Metal Body
360 Pin Connector
Square Post
41
Square Post 3,18 (.125) Ext.
50
µ inches Gold, BUMP
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
DL110535-40
110535-0040
DL1
Plastic Body
156 Pin Connector
Square Post
15
DLM112134-2
112134-0002
DLM1
Metal Body
156 Pin Connector
Square Post
17
DLM112136-2
112136-0002
DLM2
Metal Body
96 Pin Connector
Square Post
24
DLM112138-2
112138-0002
DLM3
Metal Body
60 Pin Connector
Square Post
31
DLM112086-3
112086-0003
DLM5
Metal Body
260 Pin Connector
Square Post
38
DLM111995-7
111995-0007
DLM6
Metal Body
360 Pin Connector
Square Post
41
Wrap Post 15,37 (.605) Ext.
50
µ inches Gold, BUMP
Std. Square Post
0,64 (.025)
Factory Installed
DL1-156PW4A*
110535-0025
DL1
Plastic Body
156 Pin Connector
Wrap Post
15
DLM1-156PW4A*
112134-0001
DLM1
Metal Body
156 Pin Connector
Wrap Post
17
DLD1-156PW4A*
111496-0001
DLD1
Plastic Body
156 Pin Connector
Wrap Post
20
DL2-96PW4A*
110777-0022
DL2
Plastic Body
96 Pin Connector
Wrap Post
22
DLM2-96PW4A*
112136-0001
DLM2
Metal Body
96 Pin Connector
Wrap Post
24
DLD2-96PW4A*
111922-0001
DLD2
Plastic Body
96 Pin Connector
Wrap Post
27
DL3-60PW4A*
110900-0013
DL3
Plastic Body
60 Pin Connector
Wrap Post
29
DLM3-60PW4A*
112138-0001
DLM3
Metal Body
60 Pin Connector
Wrap Post
31
DL4-624PW4A*
110959-0035
DL4
Metal Frame
624 Pin Connector
Wrap Post
34
DL5-260PW4A*
111986-0003
DL5
Plastic Body
260 Pin Connector
Wrap Post
36
DLM5-260PW4A*
112086-0002
DLM5
Metal Body
260 Pin Connector
Wrap Post
38
DLM6-360PW4A*
111995-0001
DLM6
Metal Body
360 Pin Connector
Wrap Post
41
Square Post 7,11 (.280) Ext.
20
µ inches Gold, Hermophroditic
Std. Square Post
0,64 (.025)
Factory Installed
Solder to PCB Through Hole
DL1-156PW6
110535-0026
DL1
Plastic Body
156 Pin Connector
Square Post
15
Wrap Post 15,37 (.605) Ext.
20
µ inches Gold, Hermophroditic
Std. Square Post
0,64 (.025)
Factory Installed
DL1-156PW4
110535-0012
DL1
Plastic Body
156 Pin Connector
Wrap Post
15
DL2-96PW4
110777-0008
DL2
Plastic Body
96 Pin Connector
Wrap Post
22
DL3-60PW4
110900-0006
DL3
Plastic Body
60 Pin Connector
Wrap Post
29
DL4-624PW4
110959-0011
DL4
Metal Frame
624 Pin Connector
Wrap Post
34
PC / RC 4,50 (.177) Ext.
20
µ inches Gold - 4 A max.
Round Tail -
X 0,50 (.020)
Factory Installed
Solder to PCB Through Hole
DLM1-156PC
127050-0207
DLM1
Metal Body
156 Pin Connector
PC
18
DLM2-96PC
127050-0215
DLM2
Metal Body
96 Pin Connector
PC
25
DLM3-60PC
127050-0223
DLM3
Metal Body
60 Pin Connector
PC
32
DLM5-260PC
127050-0111
DLM5
Metal Body
260 Pin Connector
PC
39
DLM6-360PC
127050-0097
DLM6
Metal Body
360 Pin Connector
PC
42
Note: 50
µ inches gold contacts (Bump on plug side, Flat on receptacle side) are mandatory for applications with less than 100 milliamps.
* ‘‘A’’ designates plug contacts mandatory
for low current applications less than
100 milliamps.
** Similar to DL4-624, see pages 33-34.
Contact Cannon for details.
* ‘‘A’’ designates plug contacts mandatory
for low current applications less than
100 milliamps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com