Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110901-0010 Datasheet(PDF) 49 Page - ITT Industries

Part # 110901-0010
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 Datasheet(HTML) 49 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 45Page - ITT Industries 110901-0010 Datasheet HTML 46Page - ITT Industries 110901-0010 Datasheet HTML 47Page - ITT Industries 110901-0010 Datasheet HTML 48Page - ITT Industries 110901-0010 Datasheet HTML 49Page - ITT Industries 110901-0010 Datasheet HTML 50Page - ITT Industries 110901-0010 Datasheet HTML 51Page - ITT Industries 110901-0010 Datasheet HTML 52Page - ITT Industries 110901-0010 Datasheet HTML 53Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
48
ZIF Connectors
Accessories
Polarizing Posts
Corner Mounting* for DL1/2/3, DLM6
Kit Number: 320-0021-006
Kit contains 2 posts and 2 No. 4-40x9/32 pan head screws.
Order 1 kit per connector.
Description
Material
Finish/Treatment
Post
Zinc
Yellow chromate over cadmium
Screw
Stainless Steel
Passivated
* Corner mounting polarization is accomplished by replacing the nut with polarizing posts.
Corner Mounting* for DL5, DLM5
Kit Number: 320-4502-000
Kit contains 4 posts and 4 M3x8 screws.
Order 1 kit per connector.
Description
Material
Finish/Treatment
Post
Zinc
Nickel
Screw
Stainless Steel
Passivated
Center Mounting for DL1/2, DLM1/2
Kit Number: 320-0021-005
Kit contains 2 posts and 2 No. 2-56x3/16 fil. head screws.
Order 1 kit per connector.
Description
Material
Finish/Treatment
Post
Zinc
Clear chromate over cadmium
Screw
Steel
Clear chromate over cadmium
Corner Mounting* for DLM1/2/3
Kit Number: 320-4505-000
Kit contains 4 posts and 4 M2.5x12 screws.
Order 1 kit per connector.
For metal backshells.
Description
Material
Finish/Treatment
Post
Zinc
Nickel
Screw
Stainless Steel
Passivated
* Corner mounting polarization is accomplished by replacing the nut with polarizing posts.
Recommended Key Nomenclature
Polarizing posts are a customer installed
option.
Recommended key nomenclature can be used
for simple, opposite corner polarization.
It is recommended that customers use their
own configuration drawings.
Example:
DL1-156RW4B32C describes a Size 1 receptacle
connector with 156 front insertable/removable
square post 50
µ in. gold contacts with
polarization position 3 at location A and position
2 at location B. (C
> corner polarization).
Receptacle DL1-156RW4B32C would mate with
plug DL1-156PW4A32C
Corner Polarizing Post Layouts
(for customer reference only)
Reference views for
Polarizing Arrangements
* Corner mounting polarization is accomplished by replacing the nut with polarizing posts.
Receptacle
Plug
Receptacle Side
Plug Side
Note: Shaded area represents location of extended portion
of polarizing pins in plug or receptacle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com