Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD598 Datasheet(PDF) 13 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD598 Datasheet HTML 8Page - Analog Devices AD598 Datasheet HTML 9Page - Analog Devices AD598 Datasheet HTML 10Page - Analog Devices AD598 Datasheet HTML 11Page - Analog Devices AD598 Datasheet HTML 12Page - Analog Devices AD598 Datasheet HTML 13Page - Analog Devices AD598 Datasheet HTML 14Page - Analog Devices AD598 Datasheet HTML 15Page - Analog Devices AD598 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD598
REV. A
–13–
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
AD598
0.1
µF
–VS
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
V
B
V
A
+V
0.015
µF
0.1
µF
0.1
µF
0.33
µF
0.01
µF
1
µF
30k
OUTPUT
MECHANICAL
POSITION
SCHAEVITZ E 100
LVDT
100
Ω
10k
0.33
µF
1000pF
150k
0.1
µF
+V
MASS ON SPRING
620 N/m
33 GRAMS
0.068
µF
49.9k
4.99k
20k
47
µF
47
µF
33
µF
+25V
GND
POWER SUPPLY
+V
LM675
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
AD598
0.1
µF
–VS
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
V
B
V
A
+V
0.015
µF
0.1
µF
0.1
µF
0.33
µF
INPUT
MECHANICAL
POSITION
SCHAEVITZ E 100
LVDT
4.99k
IN4740A
10V
GUARDIAN SOLENOID
12 VDC 2-INT-12D
62 CONE
Figure 24. Mechanical Follower Servo-Loop
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
AD598
–VS
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
V
B
V
A
0.015
µF
0.1
µF
0.33
µF
0.1
µF
–V
0.1
µF
0.1
µF
+V
R2
80.9k
Ω
A
B
LVDT 1
C
D
LVDT 2
SCHAEVITZ E 100
VOUT =
(VA–VB)+(VC–VD)
(VA+VB)+(VC+VD)
• 500
µA • R2
SCHAEVITZ E 100
VOUT ± 10V
FULL SCALE
Figure 25. Differential Gaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com