Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD598 Datasheet(PDF) 2 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 2 Page - Analog Devices

  AD598 Datasheet HTML 1Page - Analog Devices AD598 Datasheet HTML 2Page - Analog Devices AD598 Datasheet HTML 3Page - Analog Devices AD598 Datasheet HTML 4Page - Analog Devices AD598 Datasheet HTML 5Page - Analog Devices AD598 Datasheet HTML 6Page - Analog Devices AD598 Datasheet HTML 7Page - Analog Devices AD598 Datasheet HTML 8Page - Analog Devices AD598 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD598–SPECIFICATIONS
(typical @ +25 C and
15 V dc, C1 = 0.015
F, R2 = 80 k , RL = 2 k ,
unless otherwise noted. See Figure 7.)
REV. A
–2–
AD598J
AD598A
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
TRANSFER FUNCTION
1
V
OUT =
VA –VB
VA +VB
× 500 µA × R2
V
OVERALL ERROR
2
TMIN to TMAX
0.6
2.35
0.6
1.65
% of FS
SIGNAL OUTPUT CHARACTERISTICS
Output Voltage Range (TMIN to TMAX)
11
11
V
Output Current (TMIN to TMAX)8
6
mA
Short Circuit Current
20
20
mA
Nonlinearity
3 (T
MIN to TMAX)75
500
75
500
ppm of FS
Gain Error
4
0.4
1
0.4
1
% of FS
Gain Drift
20
100
20
50
ppm/
°C of FS
Offset
5
0.3
1
0.3
1
% of FS
Offset Drift
7
200
7
50
ppm/
°C of FS
Excitation Voltage Rejection
6
100
100
ppm/dB
Power Supply Rejection (
±12 V to ±18 V)
PSRR Gain (TMIN to TMAX)
300
100
400
100
ppm/V
PSRR Offset (TMIN to TMAX)
100
15
200
15
ppm/V
Common-Mode Rejection (
±3 V)
CMRR Gain (TMIN to TMAX)
100
25
200
25
ppm/V
CMRR Offset (TMIN to TMAX)
100
6
200
6
ppm/V
Output Ripple
7
4
4
mV rms
EXCITATION OUTPUT CHARACTERISTICS (@ 2.5 kHz)
Excitation Voltage Range
2.1
24
2.1
24
V rms
Excitation Voltage
(R1 = Open)8
1.2
2.1
1.2
2.1
V rms
(R1 = 12.7 k
Ω)8
2.6
4.1
2.6
4.1
V rms
(R1 = 487
Ω)8
14
20
14
20
V rms
Excitation Voltage TC9
600
600
ppm/
°C
Output Current
30
30
mA rms
TMIN to TMAX
12
12
mA rms
Short Circuit Current
60
60
mA
DC Offset Voltage (Differential, R1 = 12.7 k
Ω)
TMIN to TMAX
30
100
30
100
mV
Frequency
20
20k
20
20k
Hz
Frequency TC, (R1 = 12.7 k
Ω)
200
200
ppm/
°C
Total Harmonic Distortion
–50
–50
dB
SIGNAL INPUT CHARACTERISTICS
Signal Voltage
0.1
3.5
0.1
3.5
V rms
Input Impedance
200
200
k
Ω
Input Bias Current (AIN and BIN)
1
5
1
5
µA
Signal Reference Bias Current
2
10
2
10
µA
Excitation Frequency
0
20
0
20
kHz
POWER SUPPLY REQUIREMENTS
Operating Range
13
36
13
36
V
Dual Supply Operation (
±10 V Output)
±13
±13
V
Single Supply Operation
0 to +10 V Output
17.5
17.5
V
0 to –10 V Output
17.5
17.5
V
Current (No Load at Signal and Excitation Outputs)
12
15
12
15
mA
TMIN to TMAX
16
18
mA
TEMPERATURE RANGE
JR (SOIC)
0
+70
°C
AD (DIP)
–40
+85
°C
PACKAGE OPTION
SOIC (R-20)
AD598JR
Side Brazed DIP (D-20)
AD598AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com