Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD598 Datasheet(PDF) 14 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD598 Datasheet HTML 8Page - Analog Devices AD598 Datasheet HTML 9Page - Analog Devices AD598 Datasheet HTML 10Page - Analog Devices AD598 Datasheet HTML 11Page - Analog Devices AD598 Datasheet HTML 12Page - Analog Devices AD598 Datasheet HTML 13Page - Analog Devices AD598 Datasheet HTML 14Page - Analog Devices AD598 Datasheet HTML 15Page - Analog Devices AD598 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD598
REV. A
–14–
PRECISION DIFFERENTIAL GAGING
The circuit shown in Figure 26 is functionally similar to the dif-
ferential gaging circuit shown in Figure 25. In contrast to Figure
25, it provides a means of independently adjusting the scale fac-
tor of each LVDT so that both scale factors may be matched.
The two LVDTs are driven in a master-slave arrangement
where the output signal from the slave LVDT is summed with
the output signal from the master LVDT. The scale factor of the
slave LVDT only is adjusted with R1 and R2. The summed
scale factor of the master LVDT and the slave LVDT is ad-
justed with R3.
R1 and R2 are chosen to be 80.9 k
Ω resistors to give a ±10 V
full-scale output signal for a single Schaevitz E100 LVDT. R3 is
chosen to be 40.2 k
Ω to give a ±10 V output signal when the
two E100 LVDT output signals are summed. The output volt-
age for this circuit is given by:
VOUT =
(VA –VB)
(VA +VB)
+
(VC –VD)
(VC +VD)
×
R2
R1


× 500 µA × R3.
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
AD598
–VS
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
V
B
V
A
0.1
µF
0.33
µF
0.1
µF
–V
0.1
µF
0.1
µF
+V
A
B
C
D
SCHAEVITZ E 100
EXC 1
EXC 2
LEV 1
LEV 2
FREQ 1
FREQ 2
B1 FILT
B2 FILT
OFFSET 1
OFFSET 2
SIG REF
SIG OUT
FEEDBACK
OUT FILT
A1 FILT
A2 FILT
AD598
–VS
+VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
VB
VA
0.015
µF
0.1
µF
0.33
µF
0.1
µF
–V
0.1
µF
0.1
µF
+V
R3
40.2k
Ω
SLAVE
LVDT
MASTER LVDT
15k
Ω
15k
Ω
R2
80.9k
Ω
R1
80.9k
Ω
VOUT = V
A
–VB
VA+VB
+
VC–VD
VC+VD
•
•
R2
R1
500
µA • R3
VOUT
± 10V
FULL SCALE
Figure 26. Precision Differential Gaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com