Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD600 Datasheet(PDF) 8 Page - Analog Devices

Part # AD600
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD600 Datasheet HTML 4Page - Analog Devices AD600 Datasheet HTML 5Page - Analog Devices AD600 Datasheet HTML 6Page - Analog Devices AD600 Datasheet HTML 7Page - Analog Devices AD600 Datasheet HTML 8Page - Analog Devices AD600 Datasheet HTML 9Page - Analog Devices AD600 Datasheet HTML 10Page - Analog Devices AD600 Datasheet HTML 11Page - Analog Devices AD600 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD600/AD602
REV. A
–8–
APPLICATIONS
The full potential of any high performance amplifier can only be
realized by careful attention to details in its applications. The
following pages describe fully tested circuits in which many such
details have already been considered. However, as is always true
of high accuracy, high speed analog circuits, the schematic is
only part of the story; this is no less true for the AD600 and
AD602. Appropriate choices in the overall board layout and the
type and placement of power supply decoupling components are
very important. As explained previously, the input grounds
A1LO and A2LO must use the shortest possible connections.
The following circuits show examples of time-gain control for
ultrasound and for sonar, methods for increasing the output
drive, and AGC amplifiers for audio and RF/IF signal process-
ing using both peak and rms detectors. These circuits also illus-
trate methods of cascading X-AMPs for either maintaining the
optimal S/N ratio or maximizing the accuracy of the gain-
control voltage for use in signal measurement. These AGC cir-
cuits may be modified for use as voltage-controlled amplifiers
for use in sonar and ultrasound applications by removing the
detector and substituting a DAC or other voltage source for
supplying the control voltage.
Time-Gain Control (TGC) and Time-Variable Gain (TVG)
Ultrasound and sonar systems share a similar requirement: both
need to provide an exponential increase in gain in response to a
linear control voltage, that is, a gain control that is “linear in
dB.” Figure 11 shows the AD600/AD602 configured for a con-
trol voltage ramp starting at –625 mV and ending at +625 mV
for a gain-control range of 40 dB. For simplicity, only the A1
connections are shown. The polarity of the gain-control voltage
may be reversed and the control voltage inputs C1HI and
C1LO reversed to achieve the same effect. The gain-control
voltage can be supplied by a voltage-output DAC such as the
AD7242, which contains two complete DACs, operates from
±5 V supplies, has an internal reference of 3 V, and provides
±3 V of output swing. As such it is well-suited for use with the
AD600/AD602, needing only a few resistors to scale the output
voltage of the DACs to the levels needed by the AD600/AD602.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
C1HI
A1CM
A1OP
V+
V–
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
A2LO
A2HI
C2LO
VOLTAGE-OUTPUT
DAC
VG
CONTROL VOLTAGE,
V
G
+625mV
–625mV
A1
GAIN
0dB
40dB
AD600 or AD602
GAT2
+5V
–5V
Figure 11. The Simplest Application of the X-AMP Is as a
TGC or TVG Amplifier in Ultrasound or Sonar. Only the A1
Connections Are Shown for Simplicity.
Increasing Output Drive
The AD600/AD602’s output stage has limited capability for
negative-load driving capability. For driving loads less than
500
Ω, the load drive may be increased by about 5 mA by con-
necting a 1 k
Ω pull-down resistor from the output to the nega-
tive supply (Figure 12).
Driving Capacitive Loads
For driving capacitive loads of greater than 5 pF, insert a 10
Ω
resistor between the output and the load. This lowers the possi-
bility of oscillation.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
GAIN-CONTROL
VOLTAGE
V
IN
+5V
1k
Ω
–5V
ADDED
PULL-DOWN
RESISTOR
AD600
Figure 12. Adding a 1 k
ΩPull-Down Resistor Increases the
X-AMP’s Output Drive by About 5 mA. Only the A1 Con-
nections Are Shown for Simplicity.
Realizing Other Gain Ranges
Larger gain ranges can be accommodated by cascading amplifi-
ers. Combinations built by cascading two amplifiers include
–20 dB to +60 dB (using one AD602), –10 dB to +70 dB (1/2
of an AD602 followed by 1/2 of an AD600), and 0 dB to 80 dB
(one AD600). In multiple-channel applications, extra protection
against oscillations can be provided by using amplifier sections
from different packages.
An Ultralow Noise VCA
The two channels of the AD600 or AD602 may be operated in
parallel to achieve a 3 dB improvement in noise level, providing
1 nV/
√Hz without any loss of gain accuracy or bandwidth.
In the simplest case, as shown in Figure 13, the signal inputs
A1HI and A2HI are tied directly together, the outputs A1OP
and A2OP are summed via R1 and R2 (100
Ω each), and the
control inputs C1HI/C2HI and C1LO/C2LO operate in paral-
lel. Using these connections, both the input and output resis-
tances are 50
Ω. Thus, when driven from a 50 Ω source and
terminated in a 50
Ω load, the gain is reduced by 12 dB, so the
gain range becomes –12 dB to +28 dB for the AD600 and
–22 dB to +18 dB for the AD602. The peak input capability
remains unaffected (1 V rms at the IC pins, or 2 V rms from an
unloaded 50
Ω source). The loading on each output, with a
50
Ω load, is effectively 200 Ω, because the load current is
shared between the two channels, so the overall amplifier still
meets its specified maximum output and distortion levels for a
200
Ω load. This amplifier can deliver a maximum sine wave
power of +10 dBm to the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com