Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD600 Datasheet(PDF) 2 Page - Analog Devices

Part # AD600
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600 Datasheet(HTML) 2 Page - Analog Devices

  AD600 Datasheet HTML 1Page - Analog Devices AD600 Datasheet HTML 2Page - Analog Devices AD600 Datasheet HTML 3Page - Analog Devices AD600 Datasheet HTML 4Page - Analog Devices AD600 Datasheet HTML 5Page - Analog Devices AD600 Datasheet HTML 6Page - Analog Devices AD600 Datasheet HTML 7Page - Analog Devices AD600 Datasheet HTML 8Page - Analog Devices AD600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD600J/AD602J
AD600A/AD602A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Input Resistance
Pins 2 to 3; Pins 6 to 7
98
100
102
95
100
105
Input Capacitance
22
pF
Input Noise Spectral Density1
1.4
1.4
nV/
√Hz
Noise Figure
RS = 50 Ω, Maximum Gain
5.3
5.3
dB
RS = 200 Ω, Maximum Gain
2
2
dB
Common-Mode Rejection Ratio
f = 100 kHz
30
30
dB
OUTPUT CHARACTERISTICS
–3 dB Bandwidth
VOUT = 100 mV rms
35
35
MHz
Slew Rate
275
275
V/
µs
Peak Output
2
RL ≥ 500 Ω± 2.5
±3
±2.5
±3V
Output Impedance
f
≤ 10 MHz
2
2
Output Short-Circuit Current
50
50
mA
Group Delay Change vs. Gain
f = 3 MHz; Full Gain Range
±2
±2ns
Group Delay Change vs. Frequency
VG = 0 V, f = 1 MHz to 10 MHz
±2
±2ns
Total Harmonic Distortion
RL= 200 Ω, VOUT = ± 1 V Peak, Rpd = 1 kΩ
–60
–60
dBc
ACCURACY
AD600
Gain Error
0 dB to 3 dB Gain
0
+0.5
+1
–0.5
+0.5
+0.5
dB
3 dB to 37 dB Gain
–0.5
±0.2
+0.5
–0.1
±0.2
+1.0
dB
37 dB to 40 dB Gain
–1
–0.5
0
–1.5
–0.5
+0.5
dB
Maximum Output Offset Voltage
3
VG = –625 mV to +625 mV
10
50
10
65
mV
Output Offset Variation
VG = –625 mV to +625 mV
10
50
10
65
mV
AD602
Gain Error
–10 dB to –7 dB Gain
0
+0.5
+1
–0.5
+0.5
+1.5
dB
–7 dB to 27 dB Gain
–0.5
±0.2
+0.5
–0.1
±0.2
+1.0
dB
27 dB to 30 dB Gain
–1
–0.5
0
–1.5
–0.5
+0.5
dB
Maximum Output Offset Voltage
3
VG = –625 mV to +625 mV
5
30
10
45
mV
Output Offset Variation
VG = –625 mV to +625 mV
5
30
10
45
mV
GAIN CONTROL INTERFACE
Gain Scaling Factor
3 dB to 37 dB (AD600); –7 dB to 27 dB (AD602)
31.7
32
32.3
30.5
32
33.5
dB/V
Common-Mode Range
–0.75
2.5
–0.75
2.5
V
Input Bias Current
0.35
1
0.35
1
µA
Input Offset Current
10
50
10
50
nA
Differential Input Resistance
Pins I to 16; Pins 8 to 9
15
15
50
M
Response Rate
Full 40 dB Gain Change
40
40
dB/
µs
SIGNAL GATING INTERFACE
Logic Input “LO” (Output ON)
0.8
0.8
V
Logic Input “HI” (Output OFF)
2.4
2.4
V
Response Time
ON to OFF, OFF to ON
0.3
0.3
µs
Input Resistance
Pins 4 to 3 Pins 5 to 6
30
30
k
Output Gated OFF
Output Offset Voltage
±10
100
±10
400
mV
Output Noise Spectral Density
65
65
nV/
√Hz
Signal Feedthrough @ 1 MHz
AD600
–80
–80
dB
AD602
–70
–70
dB
POWER SUPPLY
Specified Operating Range
±4.75
±5.25 ±4.75
±5.25 V
Quiescent Current
11
12.5
11
14
mA
NOTES
1Typical open or short-circuited input; noise is lower when system is set to maximum gain and input is short-circuited. This figure includes the effects of both voltage
and current noise sources.
2Using resistive loads of 500
Ω or greater, or with the addition of a 1 kΩ pull-down resistor when driving lower loads
3The dc gain of the main amplifier in the AD600 is X113; thus an input offset of only 100
µV becomes an 11.3 mV output offset. In the AD602, the amplifier’s gain is
X35.7; thus, an input offset of 100
µV becomes a 3.57 mV output offset.
Specifications shown in boldface are tested on all production units at final electrical test Results from those tests are used to calculate outgoing quality levels. All min
and max specifications guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
AD600/AD602–SPECIFICATIONS (Each amplifier section, at T
A = +25 C, VS =
5 V, –625 mV
≤ V
G
+625 mV, RL = 500
, and CL = 5 pF, unless otherwise noted. Specifications for AD600 and AD602 are identical unless otherwise noted.)
–2–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com