Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD600 Datasheet(PDF) 3 Page - Analog Devices

Part # AD600
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600 Datasheet(HTML) 3 Page - Analog Devices

  AD600 Datasheet HTML 1Page - Analog Devices AD600 Datasheet HTML 2Page - Analog Devices AD600 Datasheet HTML 3Page - Analog Devices AD600 Datasheet HTML 4Page - Analog Devices AD600 Datasheet HTML 5Page - Analog Devices AD600 Datasheet HTML 6Page - Analog Devices AD600 Datasheet HTML 7Page - Analog Devices AD600 Datasheet HTML 8Page - Analog Devices AD600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD600/AD602
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
±V
S
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7.5 V
Input Voltages
Pins 1, 8, 9, 16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Pins 2, 3, 6, 7 . . . . . . . . . . . . . . . . . . . . . . .
±2 V Continuous
. . . . . . . . . . . . . . . . . . . . . . . . .
±V
S for 10 ms
Pins 4, 5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range (J) . . . . . . . . . . . 0
°C to +70°C
Operating Temperature Range (A) . . . . . . . . . –40
°C to +85°C
Operating Temperature Range (S) . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Thermal Characteristics: 16-Pin Plastic Package:
θ
JA = 85°C/Watt
16-Pin SOIC Package:
θ
JA = 100°C/Watt
16-Pin Cerdip Package:
θ
JA = 120°C/Watt
ORDERING GUIDE
Gain
Temperatue
Package
Model
Range
Range
Option
1
AD600AQ
0 dB to +40 dB
–40
°C to +85°C Q-16
AD600AR
0 dB to +40 dB
–40
°C to +85°C R-16
AD602AQ
–10 dB to +30 dB
–40
°C to +85°C Q-16
AD602AR
–10 dB to +30 dB
–40
°C to +85°C R-16
AD600JN
0 dB to +40 dB
0
°C to +70°C
N-16
AD600JR
0 dB to +40 dB
0
°C to +70°C
R-16
AD602JN
–10 dB to +30 dB
0
°C to +70°C
N-16
AD602JR
–10 dB to +30 dB
0
°C to +70°C
R-16
AD600SQ/883B
2 0 dB to +40 dB
–55
°C to +150°C Q-16
AD602SQ/883B
3 –10 dB to +30 dB
–55
°C to +150°C Q-16
NOTES
1N = Plastic DIP; Q= Cerdip; R= Small Outline IC (SOIC).
2Refer to AD600/AD602 Military data sheet. Also available as 5962-9457201MPA.
3Refer to AD600/AD602 Military data sheet. Also available as 5962-9457202MPA.
PIN DESCRIPTION
Pin
Function
Description
Pin 1
C1LO
CH1 Gain-Control Input “LO” (Positive
Voltage Reduces CH1 Gain).
Pin 2
A1HI
CH1 Signal Input “HI” (Positive Voltage
Increases CH1 Output).
Pin 3
A1LO
CH1 Signal Input “LO” (Usually Taken to
CH1 Input Ground)
Pin 4
GAT1
CH1 Gating Input (A Logic “HI” Shuts Off
CH1 Signal Path).
Pin 5
GAT2
CH2 Gating Input (A Logic “HI” Shuts Off
CH2 Signal Path).
Pin 6
A2LO
CH2 Signal Input “LO” (Usually Taken to
CH2 Input Ground).
Pin 7
A2HI
CH2 Signal Input “HI” (Positive Voltage
Increases CH2 Output).
Pin 8
C2LO
CH2 Gain-Control Input “LO” (Positive
Voltage Reduces CH2 Gain).
Pin 9
C2HI
CH2 Gain-Control Input “HI” (Positive
Voltage Increases CH2 Gain).
Pin 10 A2CM
CH2 Common (Usually Taken to CH2
Output Ground).
Pin 11 A2OP
CH2 Output.
Pin 12 VNEG
Negative Supply for Both Amplifiers.
Pin 13 VPOS
Positive Supply for Both Amplifiers.
Pin 14 A1OP
CH1 Output.
Pin 15 A1CM
CH1 Common (Usually Taken to CH1
Output Ground).
Pin 16 C1HI
CH1 Gain-Control Input “HI” (Positive
Voltage Increases CH1 Gain).
CONNECTION DIAGRAM
16-Pin Plastic DIP (N) Package
16-Pin Plastic SOIC (R) Package
16-Pin Cerdip (Q) Package
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
REF
A1
A2
C1HI
A1CM
A1OP
VPOS
VNEG
A2OP
A2CM
C2HI
C1LO
A1HI
A1LO
GAT1
GAT2
A2LO
A2HI
C2LO
AD600/AD602
CAUTION
ESD (electrostatic discharge) sensitive device. Permanent damage may occur on unconnected
devices subject to high energy electrostatic fields. Unused devices must be stored in conductive
foam or shunts. The protective foam should be discharged to the destination socket before
devices are removed.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com