Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 7 Page - Analog Devices

Part # AD883B
Description  Low Noise, 90 MHz Variable-Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 7 Page - Analog Devices

Back Button AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AD603
REV. C
–7–
31.07dB
–42.14dB
GPOS
GNEG
31.07dB
–42.14dB
GPOS
GNEG
–40.00dB
–51.07dB
–8.93dB
INPUT
0dB
VC = 0V
A1
A2
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
–20dB
a.
31.07dB
–42.14dB
GPOS
GNEG
31.07dB
0dB
GPOS
GNEG
0dB
–11.07dB
31.07dB
INPUT
0dB
VC = 1.0V
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
20dB
b.
31.07dB
–2.14dB
GPOS
GNEG
31.07dB
0dB
GPOS
GNEG
0dB
–28.93dB
31.07dB
INPUT
0dB
VC = 2.0V
VG1
VG2
VO1 = 0.473V
VO2 = 1.526V
OUTPUT
60dB
c.
Figure 6. AD603 Gain Control Input Calculations for Sequential Control Operation
+31.07dB
+10dB
A1
A2
+31.07dB
+28.96dB
–11.07dB
–11.07dB
0.473
1.526
–8.93dB
*
*
0
0.5
1.0
1.50
2.0
VC (V)
–20
0
20
40
60
62.14
–22.14
GAIN
(dB)
*GAIN OFFSET OF 1.07dB, OR 26.75mV
Figure 7. Explanation of Offset Calibration for Sequential
Control
With reference to Figure 6, note that VG1 refers to the differen-
tial gain-control input to A1 and VG2 refers to the differential
gain-control input to A2. When VG is zero, VG1 = –473 mV and
thus the gain of A1 is –8.93 dB (recall that the gain of each indi-
vidual amplifier in the maximum-bandwidth mode is –10 dB
for VG = –500 mV and 10 dB for VG = 0 V); meanwhile, VG2 =
–1.908 V so the gain of A2 is “pinned” at –11.07 dB. The over-
all gain is thus –20 dB. This situation is shown in Figure 6a.
When VG = +1.00 V, VG1 = 1.00 V – 0.473 V = +0.526 V,
which sets the gain of A1 to at nearly its maximum value of
31.07 dB, while VG2 = 1.00 V – 1.526 V = 0.526 V, which sets
A2’s gain at nearly its minimum value –11.07 dB. Close analysis
shows that the degree to which neither AD603 is completely
pushed to its maximum or minimum gain exactly cancels in the
overall gain, which is now +20 dB. This is depicted in Figure 6b.
When VG = +2.0 V, the gain of A1 is pinned at 31.07 dB and
that of A2 is near its maximum value of 28.93 dB, resulting in
an overall gain of 60 dB (see Figure 6c). This mode of operation
is further clarified by Figure 8, which is a plot of the separate
gains of A1 and A2 and the overall gain versus the control voltage.
Figure 9 is a plot of the gain error of the cascaded amplifiers versus
the control voltage. Figure 10 is a plot of the gain error of the
cascaded stages versus the control voltages.
VC
70
–30
–0.2
2.2
0.2
0.6
0.1
1.4
1.8
60
30
0
–10
–20
50
40
20
10
COMBINED
A1
A2
Figure 8. Plot of Separate and Overall Gains in Sequential
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com