Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 4 Page - Analog Devices

Part # AD883B
Description  Low Noise, 90 MHz Variable-Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 4 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
REV. C
–4–
AD603
THEORY OF OPERATION
The AD603 comprises a fixed-gain amplifier, preceded by a
broadband passive attenuator of 0 dB to 42.14 dB, having a
gain-control scaling factor of 40 dB per volt. The fixed gain is
laser-trimmed in two ranges, to either 31.07 dB (
×35.8) or
50 dB (
×358), or may be set to any range in between using one
external resistor between Pins 5 and 7. Somewhat higher gain
can be obtained by connecting the resistor from Pin 5 to com-
mon, but the increase in output offset voltage limits the
maximum gain to about 60 dB. For any given range, the band-
width is independent of the voltage-controlled gain. This system
provides an under- and overrange of 1.07 dB in all cases;
for example, the overall gain is –11.07 dB to 31.07 dB in the
maximum-bandwidth mode (Pin 5 and Pin 7 strapped).
This X-AMP structure has many advantages over former methods
of gain-control based on nonlinear elements. Most importantly,
the fixed-gain amplifier can use negative feedback to increase its
accuracy. Since large inputs are first attenuated, the amplifier
input is always small. For example, to deliver a
±1 V output in
the –1 dB/+41 dB mode (that is, using a fixed amplifier gain of
41.07 dB) its input is only 8.84 mV; thus the distortion can be
very low. Equally important, the small-signal gain and phase
response, and thus the pulse response, are essentially indepen-
dent of gain.
Figure 1 is a simplified schematic. The input attenuator is a
seven-section R-2R ladder network, using untrimmed resistors
of nominally R = 62.5
Ω, which results in a characteristic resis-
tance of 125
Ω ± 20%. A shunt resistor is included at the input
and laser trimmed to establish a more exact input resistance of
100
Ω ± 3%, which ensures accurate operation (gain and HP
corner frequency) when used in conjunction with external resistors
or capacitors.
The nominal maximum signal at input VINP is 1 V rms (
±1.4 V
peak) when using the recommended
±5 V supplies, although
operation to
±2 V peak is permissible with some increase in HF
distortion and feedthrough. Pin 4 (SIGNAL COMMON) must
be connected directly to the input ground; significant impedance in
this connection will reduce the gain accuracy.
The signal applied at the input of the ladder network is attenu-
ated by 6.02 dB by each section; thus, the attenuation to each of
the taps is progressively 0 dB, 6.02 dB, 12.04 dB, 18.06 dB,
24.08 dB, 30.1 dB, 36.12 dB and 42.14 dB. A unique circuit
technique is employed to interpolate between these tap-points,
indicated by the “slider” in Figure 1, thus providing continuous
attenuation from 0 dB to 42.14 dB. It will help, in understanding
the AD603, to think in terms of a mechanical means for moving
this slider from left to right; in fact, its “position” is controlled
by the voltage between Pins 1 and 2. The details of the gain-
control interface are discussed later.
The gain is at all times very exactly determined, and a linear-in-
dB relationship is automatically guaranteed by the exponential
nature of the attenuation in the ladder network (the X-AMP
principle). In practice, the gain deviates slightly from the ideal
law, by about
±0.2 dB peak (see, for example, Figure 16).
Noise Performance
An important advantage of the X-AMP is its superior noise per-
formance. The nominal resistance seen at inner tap points is
41.7
Ω (one third of 125 Ω), which exhibits a Johnson noise-
spectral density (NSD) of 0.83 nV/
√Hz (that is, √4kTR) at 27°C,
which is a large fraction of the total input noise. The first stage
of the amplifier contributes a further 1 nV/
√Hz, for a total input
noise of 1.3 nV/
√Hz. It will be apparent that it is essential to use
a low resistance in the ladder network to achieve the very low
specified noise level. The signal’s source impedance forms a
voltage divider with the AD603’s 100
Ω input resistance. In
some applications, the resulting attenuation may be unaccept-
able, requiring the use of an external buffer or preamplifier to
match a high impedance source to the low impedance AD603.
The noise at maximum gain (that is, at the 0 dB tap) depends
on whether the input is short-circuited or open-circuited: when
shorted, the minimum NSD of slightly over 1 nV/
√Hz is achieved;
when open, the resistance of 100
Ω looking into the first tap
generates 1.29 nV/
√Hz, so the noise increases to a total of
1.63 nV/
√Hz. (This last calculation would be important if the
AD603 were preceded by, for example, a 900
Ω resistor to allow
operation from inputs up to 10 V rms.) As the selected tap
moves away from the input, the dependence of the noise on
source impedance quickly diminishes.
Apart from the small variations just discussed, the signal-to-
noise (S/N) ratio at the output is essentially independent of the
attenuator setting. For example, on the –11 dB/+31 dB range
the fixed gain of
×35.8 raises the output NSD to 46.5 nV/√Hz.
Thus, for the maximum undistorted output of 1 V rms and a
1 MHz bandwidth, the output S/N ratio would be 86.6 dB, that
is, 20 log (1 V/46.5
µV).
SCALING
REFERENCE
VG
GAIN
CONTROL
INTERFACE
AD603
PRECISION PASSIVE
INPUT ATTENUATOR
FIXED GAIN
AMPLIFIER
*NORMAL VALUES
R = 2R LADDER NETWORK
VPOS
VNEG
GPOS
GNEG
VINP
COMM
0dB
–6.02dB –12.04dB –18.06dB –24.08dB –30.1dB –36.12dB –42.14dB
RR
RR
R
R
R
2R
2R
2R
2R
2R
2R
R
20 *
694 *
6.44k *
VOUT
FDBK
Figure 1. Simplified Block Diagram of the AD603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com