Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 2 Page - Analog Devices

Part # AD883B
Description  Low Noise, 90 MHz Variable-Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 2 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AD603–SPECIFICATIONS
REV. C
–2–
Model
AD603
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
Pins 3 to 4
97
100
103
Ω
Input Capacitance
2pF
Input Noise Spectral Density
1
Input Short Circuited
1.3
nV/
√Hz
Noise Figure
f = 10 MHz, Gain = max, RS = 10 Ω
8.8
dB
1 dB Compression Point
f = 10 MHz, Gain = max, RS = 10 Ω
–11
dBm
Peak Input Voltage
±1.4
±2V
OUTPUT CHARACTERISTICS
–3 dB Bandwidth
VOUT = 100 mV rms
90
MHz
Slew Rate
RL ≥ 500 Ω
275
V/
µs
Peak Output
2
RL ≥ 500 Ω± 2.5
±3.0
V
Output Impedance
f
≤ 10 MHz
2
Ω
Output Short-Circuit Current
50
mA
Group Delay Change vs. Gain
f = 3 MHz; Full Gain Range
±2ns
Group Delay Change vs. Frequency
VG = 0 V; f = 1 MHz to 10 MHz
±2ns
Differential Gain
0.2
%
Differential Phase
0.2
Degree
Total Harmonic Distortion
f = 10 MHz, VOUT = 1 V rms
–60
dBc
3rd Order Intercept
f = 40 MHz, Gain = max, RS = 50 Ω
15
dBm
ACCURACY
Gain Accuracy
–500 mV
≤ V
G ≤ +500 mV
±0.5
1
dB
TMIN to TMAX
±1.5
dB
Output Offset Voltage
3
VG = 0 V
20
mV
TMIN to TMAX
30
mV
Output Offset Variation vs. VG
–500 mV
≤ V
G ≤ +500 mV
20
mV
TMIN to TMAX
30
mV
GAIN CONTROL INTERFACE
Gain Scaling Factor
39.4
40
40.6
dB/V
TMIN to TMAX
38
42
dB/V
GNEG, GPOS Voltage Range
4
–1.2
+2.0
V
Input Bias Current
200
nA
Input Offset Current
10
nA
Differential Input Resistance
Pins 1 to 2
50
M
Ω
Response Rate
Full 40 dB Gain Change
40
dB/
µs
POWER SUPPLY
Specified Operating Range
±4.75
±6.3
V
Quiescent Current
12.5
17
mA
TMIN to TMAX
20
mA
NOTES
1Typical open or short-circuited input; noise is lower when system is set to maximum gain and input is short-circuited. This figure includes the effects of both voltage
and current noise sources.
2Using resistive loads of 500
Ω or greater, or with the addition of a 1 kΩ pull-down resistor when driving lower loads.
3The dc gain of the main amplifier in the AD603 is
×35.7; thus, an input offset of 100 µV becomes a 3.57 mV output offset.
4GNEG and GPOS, gain control, voltage range is guaranteed to be within the range of – V
S + 4.2 V to +VS – 3.4 V over the full temperature range of –40 °C to +85°C.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
(@ TA = +25 C, VS =
5 V, –500 mV
≤ V
G
≤ +500 mV, GNEG = 0 V, –10 dB to +30 dB Gain
Range, RL = 500
, and CL = 5 pF, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com