Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 8 Page - Analog Devices

Part # AD621
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD621 Datasheet HTML 4Page - Analog Devices AD621 Datasheet HTML 5Page - Analog Devices AD621 Datasheet HTML 6Page - Analog Devices AD621 Datasheet HTML 7Page - Analog Devices AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD621
REV. B
–8–
LOAD RESISTANCE –
30
0
0
10k
20
10
100
1k
VS =
15V
G = 10
TPC 18. Output Voltage Swing vs. Resistive Load
100
90
10 s
5V
1mV
10
0%
TPC 19. Large Signal Pulse Response and Settling
Time Gain, G = 10 (0.5 mV = 0.01%), RL = 1 k
Ω,
CL = 100 pF
10
100
90
10 s
20mV
0%
TPC 20. Small Signal Pulse Response, G = 10,
RL = 1 k
Ω, CL = 100 pF
10
0%
100
90
10 s
5V
1mV
TPC 21. Large Signal Pulse Response and Settling
Time, G = 100 (0.5 mV = 0.1%), RL = 2 k
Ω, CL = 100 pF
10
0%
100
90
10 s
20mV
TPC 22. Small Signal Pulse Response, G = 100,
RL = 2 k
Ω, CL = 100 pF
OUTPUT STEP SIZE – Volts
20
0
020
15
5
5
10
10
15
TO 0.01%
TO 0.1%
TPC 23. Settling Time vs. Step Size, G = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com