Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 15 Page - Analog Devices

Part # AD621
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices AD621 Datasheet HTML 14Page - Analog Devices AD621 Datasheet HTML 15Page - Analog Devices AD621 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD621
REV. B
–15–
GROUNDING
Since the AD621 output voltage is developed with respect to the
potential on the reference terminal, it can solve many ground-
ing problems by simply tying the REF pin to the appropriate
“local ground.”
In order to isolate low level analog signals from a noisy digital
environment, many data-acquisition components have separate
analog and digital ground pins (Figure 15). It would be conve-
nient to use a single ground line; however, current through
ground wires and PC runs of the circuit card can cause hundreds
of millivolts of error. Therefore, separate ground returns should
be provided to minimize the current flow from the sensitive
points to the system ground. These ground returns must be tied
together at some point, usually best at the ADC package as shown.
DIGITAL P.S.
+5V
C
ANALOG P.S.
+15V C –15V
AD574A
+
AD621
AD585
S/H
ADC
5
9
11
15
6
2
4
7
1
11
7
6
4
0.1 F
1 F
3
DIGITAL
DATA
OUTPUT
0.1 F
1 F1 F
Figure 15. Basic Grounding Practice
GROUND RETURNS FOR INPUT BIAS CURRENTS
Input bias currents are those currents necessary to bias the input
transistors of an amplifier. There must be a direct return path
for these currents; therefore when amplifying “floating” input
sources such as transformers, or ac-coupled sources, there must
be a dc path from each input to ground as shown in Figures 16a
through 16c. Refer to the Instrumentation Amplifier Application
Guide (free from Analog Devices) for more information regard-
ing in amp applications.
+VS
AD621
LOAD
–VS
REFERENCE
TO POWER SUPPLY GROUND
+INPUT
–INPUT
VOUT
Figure 16a. Ground Returns for Bias Currents when Using
Transformer Input Coupling
+VS
AD621
LOAD
–VS
REFERENCE
TO POWER SUPPLY GROUND
+INPUT
–INPUT
VOUT
Figure 16b. Ground Returns for Bias Currents when Using
a Thermocouple Input
100k
100k
–INPUT
AD621
+INPUT
+VS
–VS
VOUT
LOAD
REFERENCE
TO POWER SUPPLY GROUND
Figure 16c. Ground Returns for Bias Currents when Using
AC Input Coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com