Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD621 Datasheet(PDF) 11 Page - Analog Devices

Part # AD621
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD621 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD621 Datasheet HTML 7Page - Analog Devices AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices AD621 Datasheet HTML 14Page - Analog Devices AD621 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD621
REV. B
–11–
–
+
AD705
5V
3k
3k
3k
3k
AD621B
ADC
REF
IN
AGND
DIGITAL
DATA
OUTPUT
20k
10k
20k
–
+
0.6mA
MAX
0.10mA
1.3mA
MAX
1.7mA
Figure 5. A Pressure Monitor Circuit which Operates on a 5 V Power Supply
Pressure Measurement
Although useful in many bridge applications such as weigh-scales,
the AD621 is especially suited for higher resistance pressure
sensors powered at lower voltages where small size and low
power become more even significant.
Figure 5 shows a 3 k
Ω pressure transducer bridge powered from
5 V. In such a circuit, the bridge consumes only 1.7 mA. Adding
the AD621 and a buffered voltage divider allows the signal to be
conditioned for only 3.8 mA of total supply current.
Small size and low cost make the AD621 especially attractive for
voltage output pressure transducers. Since it delivers low noise
and drift, it will also serve applications such as diagnostic non-
invasion blood pressure measurement.
Wide Dynamic Range Gain Block Suppresses Large Common-
Mode and Offset Signals
The AD621 is especially useful in wide dynamic range applica-
tions such as those requiring the amplification of signals in the
presence of large, unwanted common-mode signals or offsets.
Many monolithic in amps achieve low total input drift and noise
errors only at relatively high gains (~100). In contrast the AD621’s
low output errors allow such performance at a gain of 10, thus
allowing larger input signals and therefore greater dynamic
range. The circuit of Figure 6 (
± 15 V supply, G = 10) has
only 2.5
µV/°C max. VOS drift and 0.55 µ/V p-p typical 0.1 Hz
to 10 Hz noise, yet will amplify a
±0.5 V differential signal while
suppressing a
±10 V common-mode signal, or it will amplify a
±1.25 V differential signal while suppressing a 1 V offset by use
of the DAC driving the reference pin of the AD621. An added
benefit, the offsetting DAC connected to the reference pin allows
removal of a dc signal without the associated time-constant
of ac coupling. Note the representations of a differential and
common-mode signal shown in Figure 6 such that a single-ended
(or normal mode) signal of 1 V would be composed of a 0.5 V
common-mode component and a 1 V differential component.
Table I. Make vs. Buy Error Budget
AD621 Circuit
Discrete Circuit
Error, ppm of Full Scale
Error Source
Calculation
Calculation
AD621
Discrete
ABSOLUTE ACCURACY at TA = +25
°C
Input Offset Voltage,
µV
125
µV/20 mV
(150
µV × 2/20 mV
16,250
15,000
Output Offset Voltage,
µV
N/A
((150
µV × 2)/100)/20 mV
N/A
12,150
Input Offset Current, nA
2 nA
× 350 Ω/20 mV
(6 nA
× 350 Ω)/20 mV
12,118
121,53
CMR, dB
110 dB
→3.16 ppm, × 5 V/20 mV (0.02% Match × 5 V)/20 mV
12,791
14,988
Total Absolute Error
17,558
20,191
DRIFT TO +85
°C
Gain Drift, ppm/
°C
5 ppm
× 60°C
100 ppm/
°C Track × 60°C
13,300
12,600
Input Offset Voltage Drift,
µV/°C1 µV/°C × 60°C/20 mV
(2.5
µV/°C × 2 × 60°C)/20 mV
13,000
15,000
Output Offset Voltage Drift,
µV/°C
N/A
(2.5
µV/°C × 2 × 60°C)/100/20 mV
N/A
12,150
Total Drift Error
13,690
15,750
RESOLUTION
Gain Nonlinearity, ppm of Full Scale
40 ppm
40 ppm
12,140
12,140
Typ 0.1 Hz–10 Hz Voltage Noise,
µV p-p 0.28 µV p-p/20 mV
(0.38
µV p-p × √2)120 mV
121,14
12,127
Total Resolution Error
121,54
121,67
Grand Total Error
11,472
36,008
G = 100, VS =
± 15 V.
(All errors are min/max and referred to input.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com