Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD623AR
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD623AR Datasheet HTML 2Page - Analog Devices AD623AR Datasheet HTML 3Page - Analog Devices AD623AR Datasheet HTML 4Page - Analog Devices AD623AR Datasheet HTML 5Page - Analog Devices AD623AR Datasheet HTML 6Page - Analog Devices AD623AR Datasheet HTML 7Page - Analog Devices AD623AR Datasheet HTML 8Page - Analog Devices AD623AR Datasheet HTML 9Page - Analog Devices AD623AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD623
–6–
REV. C
CMRR
dB
1600
600
0
75
80
85
90
95
100 105 110 115 120 125 130
1400
800
400
200
1200
1000
Figure 8. Typical Distribution for CMRR (G = 1)
GAIN = 1000
1k
100
10
1
10
100
1k
10k
100k
FREQUENCY – Hz
GAIN = 100
GAIN = 10
GAIN = 1
Figure 9. Voltage Noise Spectral Density vs. Frequency
CMV – Volts
21
–5
4
–4
–2
02
18
17
16
15
20
19
Figure 10. IBIAS vs. CMV, VS = ±5 V
TEMPERATURE – C
30
15
0
–60
–40
–20
0
20
40
60
80
100
120
140
25
20
10
5
Figure 11. IBIAS vs. Temp
FREQUENCY – Hz
1k
100
10
1
1k
10
100
Figure 12. Current Noise Spectral Density vs. Frequency
CMV – Volts
19.5
19.0
–3
–2
–1
01
18.5
18.0
17.5
17.0
16.5
Figure 13. IBIAS vs. CMV, VS = ±2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com