Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD623AR
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 1 Page - Analog Devices

  AD623AR Datasheet HTML 1Page - Analog Devices AD623AR Datasheet HTML 2Page - Analog Devices AD623AR Datasheet HTML 3Page - Analog Devices AD623AR Datasheet HTML 4Page - Analog Devices AD623AR Datasheet HTML 5Page - Analog Devices AD623AR Datasheet HTML 6Page - Analog Devices AD623AR Datasheet HTML 7Page - Analog Devices AD623AR Datasheet HTML 8Page - Analog Devices AD623AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD623
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Single Supply, Rail-to-Rail, Low Cost
Instrumentation Amplifier
CONNECTION DIAGRAM
8-Lead Plastic DIP (N),
SOIC (R) and
SOIC (RM) Packages
8
7
6
5
3
4
RG
IN
IN
VS
RG
VS
OUTPUT
REF
AD623
1
2
120
110
100
90
80
70
60
50
40
30
1
10
100
1k
10k
100k
FREQUENCY – Hz
x1000
x100
x10
x1
Figure 1. CMR vs. Frequency, +5 VS, 0 VS
FEATURES
Easy to Use
Higher Performance than Discrete Design
Single and Dual Supply Operation
Rail-to-Rail Output Swing
Input Voltage Range Extends 150 mV Below Ground
(Single Supply)
Low Power, 575
A Max Supply Current
Gain Set with One External Resistor
Gain Range 1 (No Resistor) to 1,000
HIGH ACCURACY DC PERFORMANCE
0.1% Gain Accuracy (G = 1)
0.35% Gain Accuracy (G > 1)
25 ppm Gain Drift (G = 1)
200
V Max Input Offset Voltage (AD623A)
2
V/ C Max Input Offset Drift (AD623A)
100
V Max Input Offset Voltage (AD623B)
1
V/ C Max Input Offset Drift (AD623B)
25 nA Max Input Bias Current
NOISE
35 nV/
√Hz RTI Noise @ 1 kHz (G = 1)
EXCELLENT AC SPECIFICATIONS
90 dB Min CMRR (G = 10); 84 dB Min CMRR (G = 5)
(@ 60 Hz, 1K Source Imbalance)
800 kHz Bandwidth (G = 1)
20
s Settling Time to 0.01% (G = 10)
APPLICATIONS
Low Power Medical Instrumentation
Transducer Interface
Thermocouple Amplifier
Industrial Process Controls
Difference Amplifier
Low Power Data Acquisition
PRODUCT DESCRIPTION
The AD623 is an integrated single supply instrumentation am-
plifier that delivers rail-to-rail output swing on a single supply
(+3 V to +12 V supplies). The AD623 offers superior user flex-
ibility by allowing single gain set resistor programming, and
conforming to the 8-lead industry standard pinout configura-
tion. With no external resistor, the AD623 is configured for
unity gain (G = 1) and with an external resistor, the AD623 can
be programmed for gains up to 1,000.
The AD623 holds errors to a minimum by providing superior
AC CMRR that increases with increasing gain. Line noise, as
well as line harmonics, will be rejected since the CMRR re-
mains constant up to 200 Hz. The AD623 has a wide input
common-mode range and can amplify signals that have a
common-mode voltage 150 mV below ground. Although the
design of the AD623 has been optimized to operate from a single
supply, the AD623 still provides superior performance when
operated from a dual voltage supply (
±2.5 V to ±6.0 V).
Low power consumption (1.5 mW at 3 V), wide supply voltage
range, and rail-to-rail output swing make the AD623 ideal for
battery powered applications. The rail-to-rail output stage maxi-
mizes the dynamic range when operating from low supply volt-
ages. The AD623 replaces discrete instrumentation amplifier
designs and offers superior linearity, temperature stability and
reliability in a minimum of space. Until the AD623, this level of
instrumentation amplifier performance has not been achieved.


Similar Part No. - AD623AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623AR AD-AD623AR Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623AR-REEL AD-AD623AR-REEL Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623AR-REEL7 AD-AD623AR-REEL7 Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623ARM AD-AD623ARM Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623ARM-REEL AD-AD623ARM-REEL Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
More results

Similar Description - AD623AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8223 AD-AD8223 Datasheet
420Kb / 20P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD623AN AD-AD623AN Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
logo
Texas Instruments
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com