Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD623AR
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD623AR Datasheet HTML 8Page - Analog Devices AD623AR Datasheet HTML 9Page - Analog Devices AD623AR Datasheet HTML 10Page - Analog Devices AD623AR Datasheet HTML 11Page - Analog Devices AD623AR Datasheet HTML 12Page - Analog Devices AD623AR Datasheet HTML 13Page - Analog Devices AD623AR Datasheet HTML 14Page - Analog Devices AD623AR Datasheet HTML 15Page - Analog Devices AD623AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD623
–13–
REV. C
are common mode (the same on both in amp inputs) and are
not applied differentially. This second low pass network, R1+R2
and C3, has a –3 dB frequency equal to: 1/(2
π (R1+R2) (C3)).
Using a C3 value of 0.047
µF as shown, the –3 dB signal BW of
this circuit is approximately 400 Hz. The typical dc offset shift
over frequency will be less than 1.5
µV and the circuit’s RF
signal rejection will be better than 71 dB. The 3 dB signal band-
width of this circuit may be increased to 900 Hz by reducing
resistors R1 and R2 to 2.2 k
Ω. The performance is similar to
that using 4 k
Ω resistors, except that the circuitry preceding the
in amp must drive a lower impedance load.
The circuit of Figure 43 should be built using a PC board with a
ground plane on both sides. All component leads should be as
short as possible. Resistors R1 and R2 can be common 1% metal
film units but capacitors C1 and C2 need to be
±5% tolerance
devices to avoid degrading the circuit’s common-mode rejection.
Either the traditional 5% silver mica units or Panasonic
±2%
PPS film capacitors are recommended.
RG
+VS
–IN
VOUT
LOCATE C1–C3 AS CLOSE
TO THE INPUT PINS AS POSSIBLE
–VS
0.01 F
REFERENCE
AD623
0.33 F
0.01 F
0.33 F
C3
0.047 F
C2
1000pF
5%
C1
1000pF
5%
R2
4.02k
1%
R1
4.02k
1%
+IN
Figure 43. Circuit to Attenuate RF Interference
In many applications shielded cables are used to minimize noise;
for best CMR over frequency the shield should be properly
driven. Figure 44 shows an active guard drive that is configured
to improve ac common-mode rejection by “bootstrapping” the
capacitances of input cable shields, thus minimizing the capaci-
tance mismatch between the inputs.
RG
2
–INPUT
+INPUT
100
AD623
VOUT
AD8031
+VS
REFERENCE
–VS
RG
2
Figure 44. Common-Mode Shield Driver
GROUNDING
Since the AD623 output voltage is developed with respect to the
potential on the reference terminal, many grounding problems
can be solved by simply by tying the REF pin to the appropri-
ate “local ground.” The REF pin should, however, be tied to a
low impedance point for optimal CMR.
The use of ground planes is recommended to minimize the
impedance of ground returns (and hence the size of dc errors).
In order to isolate low level analog signals from a noisy digital
environment, many data-acquisition components have separate
analog and digital ground returns (Figure 45). All ground pins
from mixed signal components such as analog-to-digital converters
should be returned through the “high quality” analog ground
DIGITAL POWER SUPPLY
0.1 F
VIN1
VIN2
VDD
AGND DGND
AD7892-2
ADC
12
AGND
VDD
PROCESSOR
0.1 F
0.1 F
0.1 F
AD623
ANALOG POWER SUPPLY
+5V
–5V
GND
GND
+5V
Figure 45. Optimal Grounding Practice for a Bipolar Supply Environment with Separate Analog and Digital Supplies
VIN
VDD
AGND DGND
AD7892-2
ADC
12
DGND
VDD
PROCESSOR
0.1 F
AD623
0.1 F
0.1 F
POWER SUPPLY
+5V
GND
Figure 46. Optimal Ground Practice in a Single Supply Environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com