Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7621 Datasheet(PDF) 2 Page - ETAL Group

Part # P7621
Description  The P7621 family comprises of medium current, self/shielded power inductors in low profile size.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7621 Datasheet(HTML) 2 Page - ETAL Group

  P7621 Datasheet HTML 1Page - ETAL Group P7621 Datasheet HTML 2Page - ETAL Group P7621 Datasheet HTML 3Page - ETAL Group P7621 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
P7621
SPECIFICATIONS
4012 size
4015 size
P
B
(A)
(A)
Marking
IDC1
IDC2
Part No
0,48
0,40
P7621-4012-220□
22±20%
0.1V/100K
2,00
2,00
0,60
0,60
P7621-4012-270□
27±20%
0.1V/100K
750
P7621-4012-330□
33±20%
0.1V/100K
850
650
0,57
0,50
Q
0,45
S
0,39
R
P7621-4012-180□
0,66
0,85
N
0,70
0,75
O
18±20%
0.1V/100K
450
P7621-4012-150□
15±30%
0.1V/100K
390
P7621-4012-120□
12±20%
0,90
1,00
0,75
0,90
M
0.1V/100K
300
10±20%
0.1V/100K
260
P7621-4012-8R2□
8.2±20%
0.1V/100K
210
P7621-4012-100□
L
P7621-4012-4R7□
P7621-4012-6R8□
6.8±20%
0.1V/100K
I
170
1,00
1,05
K
0.1V/100K
100
1,30
1,26
G
4.7±20%
0.1V/100K
140
1,10
1,12
1,80
P7621-4012-2R2□
C
2.2±30%
0.1V/100K
84
1,50
1,55
E
RDC (m )
±20%
57
P7621-4012-1R5□
67
(µH)
P7621-4012-1R2□
1.2±30%
(Hz)
Part No
Inductance
Test Frequency
RDC (m )
Inductance
Test Frequency
0.1V/100K
0.1V/100K
P7621-4012-3R3□
3.3±30%
IDC1
IDC2
1.5±30%
Marking
(µH)
(Hz)
±20%
(A)
(A)
1,70
A
P7621-4015-1R5□
1.5±30%
0.1V/100K
50
2,00
2,05
C
P7621-4015-1R0□
1.0±30%
P7621-4015-2R2□
2.2±30%
0.1V/100K
57
2,30
2,30
0.1V/100K
43
1,70
1,85
E
P7621-4015-3R3□
3.3±30%
0.1V/100K
80
1,30
1,60
G
I
P7621-4015-5R6□
5.6±20%
0.1V/100K
120
1,00
1,20
J
P7621-4015-4R7□
4.7±20%
P7621-4015-6R8□
6.8±20%
0.1V/100K
130
1,10
1,25
0.1V/100K
99
1,00
1,15
K
P7621-4015-100□
10±20%
0.1V/100K
190
0,78
1,00
M
O
P7621-4015-150□
15±20%
0,63
0,88
0.1V/100K
280
ELECTRICAL
Tolerance code: □ : M=±20%
N=±30%
O
P7621-4015-220□
22±30%
0.1V/100K
340
0,57
0,80
Q
P7621-4015-150□
15±20%
P7621-4015-330□
33±20%
0.1V/100K
530
0,63
0,88
0.1V/100K
280
0,44
0,56
S
P7621-4015-470□
47±20%
0.1V/100K
750
0,35
0,40
U
0,27
0,30
Y
P7621-4015-101□
100±20%
0.1V/100K
1730
ETALDOC 1007/1
2 of 4
2012-08-08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com