Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7621 Datasheet(PDF) 4 Page - ETAL Group

Part # P7621
Description  The P7621 family comprises of medium current, self/shielded power inductors in low profile size.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7621 Datasheet(HTML) 4 Page - ETAL Group

  P7621 Datasheet HTML 1Page - ETAL Group P7621 Datasheet HTML 2Page - ETAL Group P7621 Datasheet HTML 3Page - ETAL Group P7621 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRODUCT DATA SHEET
P7621
Tape and Reel
Tolerance:
M= ±20%
N= ±30%
See tabulated values for correct
tolerance
Inductance code
Size: (4012, 4015, 4018)
Type code
Handle in accordance with IPC/JEDEC
J-STD-033 procedure for components classified
as IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 2.
P7621-□□□□-□□□MT
ORDERING CODE
Recommended soldering profile
ETAL Group AB, Box 39 162 11 Vällingby, Sweden
Telephone: +46 8 759 35 00
Fax: +46 8 759 3540
Website: www.etalgroup.com
E-mail: sales.se@etalgroup.com
ETALDOC 1007/1
4 of 4
2012-08-08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com