Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7621 Datasheet(PDF) 3 Page - ETAL Group

Part # P7621
Description  The P7621 family comprises of medium current, self/shielded power inductors in low profile size.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7621 Datasheet(HTML) 3 Page - ETAL Group

  P7621 Datasheet HTML 1Page - ETAL Group P7621 Datasheet HTML 2Page - ETAL Group P7621 Datasheet HTML 3Page - ETAL Group P7621 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT DATA SHEET
P7621
SPECIFICATIONS
4018 size
Tolerance code: □ : M=±20%
N=±30%
Notes
1. IDC1: Based on inductance change ( T/Lo:≤30%) @ ambient temp. 25ºC
0,30
0,35
Y
P7621-4018-101□
100±20%
0.1V/100K
1780
T
P7621-4018-470□
47±20%
0.1V/100K
620
0,40
0,50
U
P7621-4018-390□
39±20%
0.1V/100K
520
0,43
0,55
R
P7621-4018-330□
33±20%
0.1V/100K
480
0,45
0,60
S
P7621-4018-270□
27±20%
0.1V/100K
420
0,50
0,70
P
P7621-4018-220□
22±20%
0.1V/100K
370
0,55
0,75
Q
P7621-4018-180□
18±20%
0.1V/100K
260
0,65
0,85
N
P7621-4018-150□
15±20%
0.1V/100K
240
0,70
0,90
O
150
0,85
1,00
M
P7621-4018-120□
12±20%
0.1V/100K
220
0,80
0,95
P7621-4018-4R7□
4.7±20%
0.1V/100K
99
1,20
1,35
P7621-4018-5R6□
5.6±20%
P7621-4018-1R2□
1.0±30%
P7621-4018-1R5□
P7621-4018-1R8□
1.5±30%
P7621-4018-2R2□
130
I
0.1V/100K
110
1,10
1,23
J
1,00
1,20
K
P7621-4018-8R2□
8.2±20%
0.1V/100K
140
0,90
1,10
L
P7621-4018-100□
10±20%
0.1V/100K
P7621-4018-3R9□
3.9±30%
0.1V/100K
P7621-4018-6R8□
6.8±20%
0.1V/100K
G
P7621-4018-3R3□
3.3±30%
0.1V/100K
74
P7621-4018-2R7□
2.7±30%
0.1V/100K
Marking
±20%
(A)
(A)
82
1,30
1,50
H
1,40
1,60
2,40
Part No
Inductance
Test Frequency
RDC (m )
(µH)
(Hz)
IDC1
IDC2
P7621-4018-1R0□
A
1.2±30%
0.1V/100K
46
2,30
2,20
B
0.1V/100K
41
2,70
0.1V/100K
51
2,10
1.8±30%
0.1V/100K
55
2,00
2,00
C
1,90
D
1,85
E
2.2±30%
0.1V/100K
67
1,60
1,70
F
59
1,90
ELECTRICAL
1. IDC1: Based on inductance change ( T/Lo:≤30%) @ ambient temp. 25ºC
2. IDC2: Based on temprature rise ( : 40ºC Typ.)
3. Rated Current: IDI or IDC2, whichever is lower
4. Storage temp.: -40ºC to +105ºC
5. Operating Temp.: -40ºC to +105ºC (include self temp. rise)
6. Resistance to solder heat: 260ºC 10 secs
7. For non-standard inductance values, please contact ETAL Group AB.
Recommended PCB Pattern
1.1 Typ.
4018
4.0±0.2
4.0±0.3 1.8 Max. 2.1 Typ. 0.96 Typ. 1.6 Typ.
4.0±0.2
4015
1.1 Typ.
1.6 Typ.
0.96 Typ.
2.1 Typ.
1.2 Max.
4.0±0.3
4.0±0.2
4012
1.1 Typ.
1.6 Typ.
0.96 Typ.
2.1 Typ.
1.5 Max.
4.0±0.3
D
E
F
G
Size
A
B
C
CONSTRUCTION
Unit: mm
ETALDOC 1007/1
3 of 4
2012-08-08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com