Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652 Datasheet(PDF) 16 Page - Analog Devices

Part # AD652
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD652 Datasheet HTML 8Page - Analog Devices AD652 Datasheet HTML 9Page - Analog Devices AD652 Datasheet HTML 10Page - Analog Devices AD652 Datasheet HTML 11Page - Analog Devices AD652 Datasheet HTML 12Page - Analog Devices AD652 Datasheet HTML 13Page - Analog Devices AD652 Datasheet HTML 14Page - Analog Devices AD652 Datasheet HTML 15Page - Analog Devices AD652 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD652
REV. B
–16–
Figure 30. Delta Modulator lnput Signal and Ramp-Wise
Approximation
Figure 31. Delta Modulator Input Signal, Ramp-Wise
Approximation and Output Frequency
Figure 32. Maximum Integrating Cap Value vs. Input
Signal Bandwidth
BRIDGE TRANSDUCER INTERFACE
The circuit of Figure 33 illustrates a simple interface between
the AD652 and a bridge-type transducer. The AD652 is an
ideal choice because its buffered 5 volt reference can be used as
the bridge excitation thereby ratiometrically eliminating the gain
drift related errors. This reference will provide a minimum of
10 mA of external current, which is adequate for bridge resis-
tance of 600
Ω and above. If, for example, the bridge resistance
is 120
Ω or 350 Ω, an external pull-up resistor (R
PU) is required
and can be calculated using the formula:
RPU (max )
=
+VS – 5V
5 V
RBRIDGE
– 10 mA
An instrumentation amplifier is used to condition the bridge sig-
nal before presenting it to the SVFC. The AD625, with its high
CMRR, minimizes common-mode errors and also can be set to
arbitrary gains between 1 and 10,000 via three resistors, simpli-
fying the scaling for the AD652’s calibrated 10 volt input range.
These resistors should be selected such that the following equa-
tion holds:
10 V
= VBRIDGE
2 RF
RG
+1
where 10 k
Ω ≤ RF ≤ 20 kΩ, and VBRIDGE is the maximum
output voltage of the bridge.
The bridge output may be unipolar, as is the case for most
pressure transducers, or it may be bipolar as in some strain mea-
surements. If the signal is unipolar, the reference input of the
AD625 (Pin 7) is simply grounded. If the bridge has a bipolar
output, however, the AD652 reference can be tied to Pin 7,
thereby, converting a
±5 volt signal (after gain) into a 0 volt to
+10 volt input for the SVFC.
Figure 33. Bridge Transducer Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip
(Q-16)
16
1
8
9
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13) MIN
0.080 (2.03) MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.200 (5.08)
MAX
0.840 (21.34) MAX
0.150
(3.81)
MIN
0.070 (1.78)
0.030 (0.76)
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0.060 (1.52)
0.015 (0.38)
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
PLCC
(P-20A)
3
PIN 1
IDENTIFIER
4
19
18
8
9
14
13
TOP VIEW
(PINS DOWN)
0.395 (10.02)
0.385 (9.78)
SQ
0.356 (9.04)
0.350 (8.89)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
0.020
(0.50)
R
0.050
(1.27)
BSC
0.021 (0.53)
0.013 (0.33) 0.330 (8.38)
0.290 (7.37)
0.032 (0.81)
0.026 (0.66)
0.180 (4.57)
0.165 (4.19)
0.040 (1.01)
0.025 (0.64)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.110 (2.79)
0.085 (2.16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com