Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652 Datasheet(PDF) 3 Page - Analog Devices

Part # AD652
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652 Datasheet(HTML) 3 Page - Analog Devices

  AD652 Datasheet HTML 1Page - Analog Devices AD652 Datasheet HTML 2Page - Analog Devices AD652 Datasheet HTML 3Page - Analog Devices AD652 Datasheet HTML 4Page - Analog Devices AD652 Datasheet HTML 5Page - Analog Devices AD652 Datasheet HTML 6Page - Analog Devices AD652 Datasheet HTML 7Page - Analog Devices AD652 Datasheet HTML 8Page - Analog Devices AD652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD652
AD652JP/AQ/SQ
AD652KP/BQ
Parameter
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT STAGE
VOL (IOUT = 10 mA)
0.4
0.4
V
IOL
VOL<0.8 V
15
15
mA
VOL<0.4 V, TMIN–TMAX
88
mA
IOH (Off Leakage)
0.01
10
0.01
10
µA
Delay Time, Positive Clock Edge to
150
200
250
150
200
250
ns
Output Pulse
Fall Time (Load = 500 pF and ISINK = 5 mA)
100
100
ns
Output Capacitance
5
5
pF
OUTPUT ONE-SHOT
Pulsewidth, tOS
COS = 300 pF
1
1.5
2
1
1.5
2
µs
COS = 1000 pF
4
5
6
4
5
6
µs
REFERENCE OUTPUT
Voltage
4.950
5.0
5.050
4.975
5.0
5.025
V
Drift
100
50
ppm/
°C
Output Current
Source TMIN to TMAX
10
10
mA
Sink
100
500
100
500
µA
Power Supply Rejection
(Supply Range =
±12.5 V to ±17.5 V)
0.015
0.015
%/V
Output Impedance (Sourcing Current)
0.3
2
0.3
2
Ω
POWER SUPPLY
Rated Voltage
±15
±15
V
Operating Range
Dual Supplies
±6
±15
±18
±6
±15
±18
V
Single Supply (–VS = 0)
+12
+36
+12
+36
V
Quiescent Current
±11
15
±11
15
mA
Digital Common
–VS
+VS – 4
–VS
+VS – 4
V
Analog Common
–VS
+VS
–VS
+VS
V
TEMPERATURE RANGE
Specified Performance
JP, KP Grade
0
+70
0
+70
°C
AQ, BQ Grade
–40
+85
–40
+85
°C
SQ Grade
–55
+125
°C
NOTES
1Referred to internal V
REF. In PLCC package, tested on 10 V input range only.
Specifications in boldface are 100% tested at final test and are used to measure outgoing quality levels.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage +VS to –VS . . . . . . . . . . . . . . . . . . 36 V
Maximum Input Voltage (Figure 6) . . . . . . . . . . . . . . . . . 36 V
Maximum Output Current (Open Collector Output) . . 50 mA
Amplifier Short Circuit to Ground . . . . . . . . . . . . . Indefinite
Storage Temperature Range: Cerdip . . . . . . –65
°C to +150°C
Storage Temperature Range: PLCC . . . . . . –65
°C to +150°C
DEFINITIONS OF SPECIFICATIONS
GAIN ERROR—The gain of a voltage-to-frequency converter is
that scale factor setting that provides the nominal conversion
relationship, e.g., 1 MHz full scale. The “gain error” is the dif-
ference in slope between the actual and ideal transfer functions
for the V-F converter.
LINEARITY ERROR—The “linearity error” of a V-F is the
deviation of the actual transfer function from a straight line
passing through the endpoints of the transfer function.
GAIN TEMPERATURE COEFFICIENT—The gain tempera-
ture coefficient is the rate of change in full-scale frequency as a
function of the temperature from +25
°C to TMIN or TMAX.
REV. B
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com