Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652 Datasheet(PDF) 2 Page - Analog Devices

Part # AD652
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652 Datasheet(HTML) 2 Page - Analog Devices

  AD652 Datasheet HTML 1Page - Analog Devices AD652 Datasheet HTML 2Page - Analog Devices AD652 Datasheet HTML 3Page - Analog Devices AD652 Datasheet HTML 4Page - Analog Devices AD652 Datasheet HTML 5Page - Analog Devices AD652 Datasheet HTML 6Page - Analog Devices AD652 Datasheet HTML 7Page - Analog Devices AD652 Datasheet HTML 8Page - Analog Devices AD652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD652–SPECIFICATIONS (typical @ T
A = +25 C, VS =
15 V, unless otherwise noted)
AD652JP/AQ/SQ
AD652KP/BQ
Parameter
Min
Typ
Max
Min
Typ
Max
Units
VOLTAGE-TO-FREQUENCY MODE
Gain Error
fCLOCK = 200 kHz
±0.5
±1
±0.25
±0.5
%
fCLOCK = 1 MHz
±0.5
1
±0.25
0.5
%
fCLOCK = 4 MHz
±0.5
1.5
±0.25
0.75
%
Gain Temperature Coefficient
fCLOCK = 200 kHz
±25
±50
±15
±25
ppm/
°C
fCLOCK = 1 MHz
±25
50
±15
25
ppm/
°C
±10
50
±10
30
ppm/
°C1
fCLOCK = 4 MHz
±25
75
±15
50
ppm/
°C
Power Supply Rejection Ratio
0.001
0.01
0.001
0.01
%/V
Linearity Error
fCLOCK = 200 kHz
±0.002
±0.02
±0.002
±0.005
%
fCLOCK = 1 MHz
±0.002
0.02
±0.002
0.005
%
fCLOCK = 2 MHz
±0.01
±0.02
±0.002
±0.005
%
fCLOCK = 4 MHz
±0.02
0.05
±0.01
0.02
%
Offset (Transfer Function, RTI)
±1
3
±1
2
mV
Offset Temperature Coefficient
±10
50
±10
25
µV/°C
Response Time
One Period of New Output Frequency Plus One Clock Period.
FREQUENCY-TO-VOLTAGE MODE
Gain Error
fIN = 100 kHz FS
±0.5
±1
±0.25
±0.5
%
Linearity Error
fIN = 100 kHz FS
±0.002
±0.02
±0.002
±0.01
%
INPUT RESISTORS
Cerdip (Figure 1a)(0 to +10 V FS Range)
19.8
20
20.2
19.8
20
20.2
k
Ω
PLCC (Figure lb)
Pin 8 to Pin 7
9.9
10
10.1
9.9
10
10.1
k
Ω
Pin 7 to Pin 5 (0 V to +5 V FS Range)
9.9
10
10.1
9.9
10
10.1
k
Ω
Pin 8 to Pin 5 (0 V to +10 V FS Range)
19.8
20
20.2
19.8
20
20.2
k
Ω
Pin 9 to Pin 5 (0 V to +8 V FS Range)
15.8
16
16.2
15.8
16
16.2
k
Ω
Pin 10 to Pin 5 (Auxiliary Input)
19.8
20
20.2
19.8
20
20.2
k
Ω
Temperature Coefficient (All)
±50
100
±50
100
ppm/
°C
INTEGRATOR OP AMP
Input Bias Current
Inverting Input (Pin 5)
±5
20
±5
20
nA
Noninverting Input (Pin 6)
20
50
20
50
nA
Input Offset Current
20
70
20
70
nA
Input Offset Current Drift
1
3
1
2
nA/
°C
Input Offset Voltage
±1
3
±1
2
mV
Input Offset Voltage Drift
±10
±25
±10
±15
µV/°C
Open Loop Gain
86
86
dB
Common-Mode Input Range
–VS + 5
+VS – 5
–VS + 5
+VS – 5
V
CMRR
80
80
dB
Bandwidth
14
95
14
95
MHz
Output Voltage Range
–1
(+VS – 4)
–1
(+VS – 4) V
(Referred to Pin 6, R1 > = 5k)
COMPARATOR
Input Bias Current
0.5
5
0.5
5
µA
Common-Mode Voltage
–VS + 4
+ VS – 4
–VS + 4
+VS – 4
V
CLOCK INPUT
Maximum Frequency
4
5
4
5
MHz
Threshold Voltage (Referred to Pin 12)
1.2
1.2
V
TMIN to TMAX
0.8
2.0
0.8
2.0
V
Input Current
(–VS<VCLK< +VS)5
20
5
20
µA
Voltage Range
–VS
+VS
–VS
+VS
V
Rise Time
2
2
µs
REV. B
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com