Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD648C Datasheet(PDF) 3 Page - Analog Devices

Part # AD648C
Description  Dual Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD648C Datasheet(HTML) 3 Page - Analog Devices

  AD648C Datasheet HTML 1Page - Analog Devices AD648C Datasheet HTML 2Page - Analog Devices AD648C Datasheet HTML 3Page - Analog Devices AD648C Datasheet HTML 4Page - Analog Devices AD648C Datasheet HTML 5Page - Analog Devices AD648C Datasheet HTML 6Page - Analog Devices AD648C Datasheet HTML 7Page - Analog Devices AD648C Datasheet HTML 8Page - Analog Devices AD648C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD648 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
AD648
NOTES
1Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Bias Current specifications are guaranteed maximum at either input after 5 minutes of operation at T
A = +25°C. For higher temperature, the current doubles
every 10
°C.
3Matching is defined as the difference between parameters of the two amplifiers.
4Defined as voltages between inputs, such that neither exceeds
± 10 V from ground.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltage
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD648J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD648A/B/C . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD648S/T . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Thermal Characteristics:
8-Pin Plastic Package:
θ
JA = 165°C/Watt
8-Pin Cerdip Package:
θ
JC = 22°C/Watt; θJA = 110°C/Watt
8-Pin Metal Package:
θ
JC = 65°C/Watt; θJA = 150°C/Watt
8-Pin SOIC Package:
θ
JC = 42°C/Wat; θJA = 160°C/Watt
3For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
REV. C
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com