Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD648C Datasheet(PDF) 1 Page - Analog Devices

Part # AD648C
Description  Dual Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD648C Datasheet(HTML) 1 Page - Analog Devices

  AD648C Datasheet HTML 1Page - Analog Devices AD648C Datasheet HTML 2Page - Analog Devices AD648C Datasheet HTML 3Page - Analog Devices AD648C Datasheet HTML 4Page - Analog Devices AD648C Datasheet HTML 5Page - Analog Devices AD648C Datasheet HTML 6Page - Analog Devices AD648C Datasheet HTML 7Page - Analog Devices AD648C Datasheet HTML 8Page - Analog Devices AD648C Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual Precision,
Low Power BiFET Op Amp
AD648
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
DC Performance
400
A max Quiescent Current
10 pA max Bias Current, Warmed Up (AD648C)
300
V max Offset Voltage (AD648C)
3
V/ C max Drift (AD648C)
2
V p-p Noise, 0.1 Hz to 10 Hz
AC Performance
1.8 V/ s Slew Rate
1 MHz Unity Gain Bandwidth
Available in Plastic Mini-DIP, Cerdip, Plastic SOIC
and Hermetic Metal Can Packages
MIL-STD-883B Parts Available
Surface Mount (SOIC) Package Available in Tape and
Reel in Accordance with EIA-481A Standard
Single Version: AD548
PRODUCT DESCRIPTION
The AD648 is a matched pair of low power, precision mono-
lithic operational amplifiers. It offers both low bias current
(10 pA max, warmed up) and low quiescent current (400
µA
max) and is fabricated with ion-implanted FET and laser wafer
trimming technologies. Input bias current is guaranteed over the
AD648’s entire common-mode voltage range.
The economical J grade has a maximum guaranteed offset volt-
age of less than 2 mV and an offset voltage drift of less than
20
µV/°C. The C grade reduces offset voltage to less than
0.30 mV and offset voltage drift to less than 3
µV/°C. This level
of dc precision is achieved utilizing Analog’s laser wafer drift
trimming process. The combination of low quiescent current
and low offset voltage drift minimizes changes in input offset
voltage due to self-heating effects. Five additional grades are
offered over the commercial, industrial and military temperature
ranges.
The AD648 is recommended for any dual supply op amp appli-
cation requiring low power and excellent dc and ac perfor-
mance. In applications such as battery-powered, precision
instrument front ends and CMOS DAC buffers, the AD648’s
excellent combination of low input offset voltage and drift, low
bias current and low 1/f noise reduces output errors. High
common-mode rejection (86 dB, min on the “C” grade) and
high open-loop gain ensures better than 12-bit linearity in high
impedance, buffer applications.
The AD648 is pinned out in a standard dual op amp configura-
tion and is available in seven performance grades. The AD648J
and AD648K are rated over the commercial temperature range
of 0
°C to +70°C. The AD648A, AD648B and AD648C are
rated over the industrial temperature range of –40
°C to +85°C.
The AD648S and AD648T are rated over the military tempera-
ture range of –55
°C to +125°C and are available processed to
MIL-STD-883B, Rev. C.
The AD648 is available in an 8-pin plastic mini-DIP, cerdip,
SOIC, TO-99 metal can, or in chip form.
PRODUCT HIGHLIGHTS
1. A combination of low supply current, excellent dc and ac
performance and low drift makes the AD648 the ideal op
amp for high performance, low power applications.
2. The AD648 is pin compatible with industry standard dual op
amps such as the LF442, TL062, and AD642, enabling
designers to improve performance while achieving a reduc-
tion in power dissipation of up to 85%.
3. Guaranteed low input offset voltage (2 mV max) and drift
(20
µV/°C max) for the AD648J are achieved utilizing Analog
Devices’ laser drift trimming technology.
4. Analog Devices specifies each device in the warmed-up con-
dition, insuring that the device will meet its published specifi-
cations in actual use.
5. Matching characteristics are excellent for all grades. The
input offset voltage matching between amplifiers in the
AD648J is within 2 mV, for the C grade matching is within
0.4 mV.
6. Crosstalk between amplifiers is less than –120 dB at 1 kHz.
7. The AD648 is available in chip form.
CONNECTION DIAGRAMS


Similar Part No. - AD648C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD648 AD-AD648 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
AD648 AD-AD648_V01 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
More results

Similar Description - AD648C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com