Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD648C Datasheet (PDF) - Analog Devices

AD648C Datasheet PDF - Analog Devices
Part # AD648C
Download  AD648C Download
File Size   335.54 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, Low Power BiFET Op Amp

AD648C Datasheet (PDF)

Go To PDF Page Download Datasheet
AD648C Datasheet PDF - Analog Devices

Part # AD648C
Download  AD648C Click to download

File Size   335.54 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, Low Power BiFET Op Amp

AD648C Datasheet (HTML) - Analog Devices


AD648C Product details

PRODUCT DESCRIPTION

The AD648 is a matched pair of low power, precision monolithic operational amplifiers. It offers both low bias current (10 pA max, warmed up) and low quiescent current (400 µA max) and is fabricated with ion-implanted FET and laser wafer trimming technologies. Input bias current is guaranteed over the AD648’s entire common-mode voltage range.



FEATURES

DC Performance

   400 µA max Quiescent Current

   10 pA max Bias Current, Warmed Up (AD648B)

   1 µV max Offset Voltage (AD648B)

  10 µV/C max Drift (AD648B)

   2 V p-p Noise, 0.1 Hz to 10 Hz

AC Performance

  1.8 V/µs Slew Rate

  1 MHz Unity Gain Bandwidth

Available in Plastic Mini-DIP, CERDIP, and Plastic SOIC Packages

MIL-STD-883B Parts Available

Surface Mount (SOIC) Package Available in Tape and Reel in Accordance with EIA-481A Standard

Single Version: AD548




Similar Part No. - AD648C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD648 AD-AD648 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
AD648 AD-AD648_V01 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
More results


Similar Description - AD648C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com