Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6622 Datasheet(PDF) 21 Page - Analog Devices

Part # AD6622
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6622 Datasheet HTML 17Page - Analog Devices AD6622 Datasheet HTML 18Page - Analog Devices AD6622 Datasheet HTML 19Page - Analog Devices AD6622 Datasheet HTML 20Page - Analog Devices AD6622 Datasheet HTML 21Page - Analog Devices AD6622 Datasheet HTML 22Page - Analog Devices AD6622 Datasheet HTML 23Page - Analog Devices AD6622 Datasheet HTML 24Page - Analog Devices AD6622 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD6622
–21–
REV. 0
Microport Control
All accesses to the internal registers and memory of the AD6622
are accomplished indirectly through the use of the microproces-
sor port external registers shown in Table XII. Accesses to the
External Registers are accomplished through the 3-bit address
bus (A[2:0]) and the 8-bit data bus (D[7:0]) of the AD6622
(Microport). External Address [3:0] provides access to data read
from or written to the internal memory (up to 32 bits). External
Address [0] is the least significant byte and External Address [3]
is the most significant byte. External Address [4] controls the
resets of each channel. External Address [5] controls the sync
status of each channel. External Address [7:6] determines the
Internal Address selected and whether this address is incremented
after subsequent reads and/or writes to the internal registers.
EXTERNAL MEMORY MAP
The External Memory Map is used to gain access to the Inter-
nal Memory Map described below. External Address [7:6] sets
the Internal Address to which subsequent reads or writes will
be performed. The top two bits of External Address [7] allow
the user to set the address to autoincrement after reads, writes,
or both. All internal data words have widths that are less than
or equal to 32 bits. Accesses to External Address [0] trigger
accesses to the AD6622’s internal memory map. Thus during
writes to the internal registers, External Address [0] must be
written last to ensure all data is transferred. Reads are the oppo-
site in that External Address [0] must be the first data register
read (after setting the appropriate internal address) to initiate an
internal access.
External Address [5:4] reads and writes are immediately trans-
ferred to internal control registers. External Address [4] is the
reset register. The reset bits can be set collectively by the address.
The reset bits can be cleared by operation of start syncs (described
below).
External Address [5] is the sync register. These bits are write
only. There are three types of syncs: start, hop, and beam. Each
of these can be sent to any or all of the four channels. For example,
a write of X0010100 would issue a start sync to Channel C
only. A write of X1101111 would issue a beam sync and a hop
sync to all channels.
The internal address bus is 11 bits wide and the internal data
bus is 32 bits wide. External Address 7 is the Chan (Channel)
and stores the upper three bits of the address space in Chan[2:0].
Chan[7:6] define the autoincrement feature. If Bit 6 is high, the
internal address in incremented after an internal read. If Bit 7 is
high, the internal address is incremented after an internal write.
If both bits are high, the internal address in incremented after
either a write or a read. This feature is designed for sequential
access to internal locations. External Address 6 is the Addr
(Address) and stores the lower eight bits of the internal address.
External Addresses 3 through 0 store the 32 bits of the internal
data. All internal accesses are two clock cycles long.
Writing to an internal location with a data width of 16 bits is
achieved by first writing the upper three bits of the address to
Bits 2 through 0 of the Chan. (Bits 7 and 6 of the Chan are
written to determine whether or not the auto increment fea-
ture is enabled.) The Addr is then written with the lower eight
bits of the internal address (it does not matter if the Addr is
written before the Chan as long as both are written before the
internal access). Since the data width of the internal address is
16 bits, only Data Register 1 and Data Register 0 are needed.
Data Register 1 must be written first because the write to Data
Register 0 triggers the internal access. Data Register 0 must
always be the last register written to initiate the internal write.
Reading from the Microport is accomplished in a similar manner.
The internal address is first written. A read from Data Register
0 activates the internal read, thus register 0 must always be read
first to initiate an internal read. This provides the 8 LSBs of the
internal read through the Microport (D[7:0]). Additional bytes
are then read by changing the external address (A[2:0]) and
performing additional reads. If Data Register 3 (or any other)
is read before Data Register 0, incorrect data will be read. Data
Register 0 must be read first in order to transfer data from the
core memory to the external memory locations. Once data register
is read, the remaining locations may be examined in any order.
The Microport of the AD6622 allows for multiple accesses
while
CS is held low (CS can be tied permanently low if the
Microport is not shared with additional devices). The user can
access multiple locations by pulsing the
WR or RD line and
changing the contents of the external 3-bit address bus. Access
to the external registers of Table XII is accomplished in one
of two modes using the
CS, RD, WR, and MODE inputs. The
access modes are Intel Nonmultiplexed Mode and Motorola
Nonmultiplexed Mode. These modes are controlled by the
MODE input (MODE = 0 for INM, MODE = 1 for MNM).
CS, RD, and WR control the access type for each mode.
Intel Nonmultiplexed Mode (INM)
MODE must be tied low to operate the AD6622 Microport
in INM Mode. The access type is controlled by the user with
the
CS, RD (DS), and WR (R/W) inputs. The RDY (DTACK)
signal is produced by the Microport to communicate to the
user the Microport is ready for an access. RDY (
DTACK) goes
low at the start of the access and is released when the internal
cycle is complete. See the timing diagrams for both the read and
write modes in the specifications.
Motorola Nonmultiplexed Mode (MNM)
MODE must be tied high to operate the AD6622 microprocessor
in MNM mode. The access type is controlled by the user with
the
CS, DS (RD), and R/W (WR) inputs. The DTACK (RDY)
signal is produced by the Microport to acknowledge the comple-
tion of an access to the user.
DTACK (RDY) goes low when an
internal access is complete and then will return high after
DS
(
RD) is deasserted. See the timing diagrams for both the read
and write modes in the Specifications.
The
DTACK pin is configured as an open drain so that multiple
devices may be tied together at the microprocessor/microcontroller
without contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com