Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6622 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6622
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622 Datasheet(HTML) 4 Page - Analog Devices

  AD6622 Datasheet HTML 1Page - Analog Devices AD6622 Datasheet HTML 2Page - Analog Devices AD6622 Datasheet HTML 3Page - Analog Devices AD6622 Datasheet HTML 4Page - Analog Devices AD6622 Datasheet HTML 5Page - Analog Devices AD6622 Datasheet HTML 6Page - Analog Devices AD6622 Datasheet HTML 7Page - Analog Devices AD6622 Datasheet HTML 8Page - Analog Devices AD6622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD6622
–4–
REV. 0
Test
AD6622AS
Name
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
MICROPROCESSOR PORT, MODE MNM (MODE = 1)
MODE MNM Write Timing:
tHDS
DS(RD) to DTACK(RDY) Hold Time
Full
IV
0
ns
tHRW
R/
W(WR) to DTACK(RDY) Hold Time
Full
IV
0
ns
tSAM
Address/Data to R/
W(WR) Setup Time
Full
IV
0
ns
tHAM
Address/Data to R/
W(WR) Hold Time
Full
IV
0
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
Full
IV
1
× tCLK
ns
tACCFAST
R/
W(WR) to DTACK(RDY) Low Delay
Full
IV
2
× t
CLK
3
× t
CLK
ns
tACCMEDIUM
R/
W(WR) to DTACK(RDY) Low Delay
Full
IV
3
× tCLK
4
× tCLK
ns
tACCSLOW
R/
W(WR) to DTACK(RDY) Low Delay
Full
IV
4
× tCLK
5
× tCLK
ns
MODE MNM Read Timing:
tSAM
Address to
DS(RD) Setup Time
Full
IV
0
ns
tHA
Address to Data Hold Time
Full
IV
0
ns
tZD
Data Three-State Delay
Full
IV
0
ns
tDD
DTACK(RDY) to Data Delay
Full
IV
tCLK – 10
ns
tDDTACK
DS(RD) to DTACK(RDY) Delay
Full
IV
1
× t
CLK
ns
tACCFAST
DS(RD) to DTACK(RDY) Low Delay
Full
IV
2
× tCLK
3
× tCLK
ns
tACCMEDIUM
DS(RD) to DTACK(RDY) Low Delay
Full
IV
3
× tCLK
4
× tCLK
ns
tACCSLOW
DS(RD) to DTACK(RDY) Low Delay
Full
IV
4
× t
CLK
5
× t
CLK
ns
NOTES
1All Timing Specifications valid over VDD range of 2.4 V to 3.3 V.
Specifications subject to change without notice.
CLK
OUT[17:0],
QOUT
tCLK
tCLKL
tCLKH
tZO
tHO
tZO
OEN
tSO
Figure 1. Parallel Output Switching Characteristics
CLK
SCLK
SDFS
SDI
CLKn
DATAn
tDSCLK
tDSDFS
tDSDFS
tSSI
tHSI
Figure 2. Serial Port Switching Characteristics
CLK
IN[17:0],
QIN
tSI
tHI
Figure 3. Wideband Input Timing
SYNC
CLK
tSS
tHS
Figure 4. SYNC Timing Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com