Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6622 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6622
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6622 Datasheet HTML 18Page - Analog Devices AD6622 Datasheet HTML 19Page - Analog Devices AD6622 Datasheet HTML 20Page - Analog Devices AD6622 Datasheet HTML 21Page - Analog Devices AD6622 Datasheet HTML 22Page - Analog Devices AD6622 Datasheet HTML 23Page - Analog Devices AD6622 Datasheet HTML 24Page - Analog Devices AD6622 Datasheet HTML 25Page - Analog Devices AD6622 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD6622
–22–
REV. 0
External Address 7 Upper Address Register (Chan)
Sets the three most significant bits of the internal address, effec-
tively selecting channels 1, 2, 3, or 4 (D2:D0). The autoincrement
of read and write are also set (D7:D6).
External Address 6 Lower Address Register (Addr)
Sets the internal address 8 LSBs (D7:D0).
External Address 5 Sync
This register is read only. Bits in this address control the synchroni-
zation of the AD6622 channels. If the user intends to bring up
channels with no synchronization requirements, then all bits of
this register should be written low. Two types of sync signals
are available with the AD6622. The first is Soft Sync. Soft Sync
is software synchronization enabled through the Microport. The
second synchronization method is Pin Sync. Pin Sync is enabled
by a signal applied to the sync pin (Pin 62). See the Synchroni-
zation section of the data sheet for detailed explanations of the
different modes.
External Address 4 Reset
Bits in this register determine how the chip is programmed and
enables the channels. The program bits (D7:D4) must be set
high to allow programming of CMEM and DMEM for each
channel. Sleep bits (D3:D0) are used to activate or sleep channels.
These can be used manually by the user to bring up a channel
by simply writing the required channel high. These bits can also
be used in conjunction with the Start and Sync signals avail-
able in External Address 5 to synchronize the channels. See
the Synchronization section of the data sheet for detailed expla-
nation of different modes.
External Address 3:0 (Data Bytes)
These bits set the internal address to be accessed for a read or
write.
Table XII. External Memory Map
External
External Data
Address
D7
D6
D5
D4
D3
D2
D1
D0
7: Chan
Wrinc
Rdinc
IA10
IA9
IA8
6: Addr
IA7
IA6
IA5
IA4
IA3
IA2
IA1
IA0
5: Sync
Beam
Hop
Start
Sync D
Sync C
Sync B
Sync A
4: Reset
Prog D
Prog C
Prog B
Prog A
Sleep D
Sleep C
Sleep B
Sleep A
3: Byte3
ID31
ID30
ID29
ID28
ID27
ID26
ID25
ID24
2: Byte2
ID23
ID22
ID21
ID20
ID19
ID18
ID17
ID16
1: Byte1
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
0: Byte0
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com