Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6622AS Datasheet(PDF) 9 Page - Analog Devices

Part # AD6622AS
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622AS Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6622AS Datasheet HTML 5Page - Analog Devices AD6622AS Datasheet HTML 6Page - Analog Devices AD6622AS Datasheet HTML 7Page - Analog Devices AD6622AS Datasheet HTML 8Page - Analog Devices AD6622AS Datasheet HTML 9Page - Analog Devices AD6622AS Datasheet HTML 10Page - Analog Devices AD6622AS Datasheet HTML 11Page - Analog Devices AD6622AS Datasheet HTML 12Page - Analog Devices AD6622AS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD6622
–9–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin Number
Name
Type
Description
1, 3–5, 9, 19–21, 31, 32,
GND
P
Ground Connection
34–36, 38, 39, 42, 52–54,
63–65, 68, 69, 72, 73, 83–85,
95, 96, 98, 99, 102, 103,
105, 115–117, 126, 128
2
OEN
I
Active High Output Enable Pin (Actively Pulled Down If Not Connected)
(Not 5 V Tolerant)
27–29, 22–25, 15–18, 10–13, OUT[17:0]
O/T
Wideband Output Data
6–8
14, 26, 41, 47, 122
VDD
P
+3.0 V Supply (I/O Supply)
59, 66, 78, 90, 104, 110, 127 VDD
P
+3.0 V Supply (Core Supply)
30
QOUT
O/T
Indicates Q Output Data (Complex Output Mode)
33, 37, 40, 43–46, 48
D[7:0]
I/O/T
Microprocessor Interface Data
49
DS (RD)
I
INM Mode: Read Signal, MNM Mode: Data Strobe Signal
50
DTACK (RDY)
O
Acknowledgment of a Completed Transaction (Signals when
µP Port
Is Ready for an Access) Open Drain, Must Be Pulled Up Externally
51
R/
W (WR)
I
Read/Write Line (Write Signal)
55
MODE
I
Sets Microport Mode: MODE = 1, MNM Mode; MODE = 0, INM Mode
56–58
A[2:0]
I
Microprocessor Interface Address
60
CS
I
Chip Select, Enable the Chip for
µP Access
61
RESET
I
Active Low Reset Pin (Actively Pulled Up If Not Connected)
62
SYNC
I
SYNC Signal for Synchronizing Multiple AD6622s (Actively Pulled
Down If Not Connected)
67
CLK
I
Input Clock (Actively Pulled Down If Not Connected)
70
QIN
I
Indicates Q Input Data (Complex Input Mode) (Actively Pulled Down
If Not Connected) (Not 5 V Tolerant)
71, 74–77, 79–82, 86–89,
IN[17:0]
I
Wideband Input Data (Allows Cascade of Multiple AD6622 Chips In
91–94, 97
a System) (Actively Pulled Down If Not Connected) (Not 5 V Tolerant)
100
TRST
I
Test Reset Pin (Actively Pulled Up If Not Connected)
101
TCK
I
Test Clock Input (Actively Pulled Down If Not Connected)
106
TMS
I
Test Mode Select (Actively Pulled Up If Not Connected)
107
TDO
O
Test Data Output
108
TDI
I
Test Data Input (Actively Pulled Down If Not Connected)
109
SCLKA
O
Serial Clock Output Channel A
111
SDFSA
O
Serial Data Frame Sync Output Channel A
112
SDINA
I
Serial Data Input Channel A (Actively Pulled Down If Not Connected)
113
SCLKB
O
Serial Clock Output Channel B
114
SDFSB
O
Serial Data Frame Sync Output Channel B
118
SDINB
I
Serial Data Input Channel B (Actively Pulled Down If Not Connected)
119
SCLKC
O
Serial Clock Output Channel C
120
SDFSC
O
Serial Data Frame Sync Output Channel C
121
SDINC
I
Serial Data Input Channel C (Actively Pulled Down If Not Connected)
123
SCLKD
O
Serial Clock Output Channel D
124
SDFSD
O
Serial Data Frame Sync Output Channel D
125
SDIND
I
Serial Data Input Channel D (Actively Pulled Down If Not Connected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com