Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6622AS Datasheet(PDF) 17 Page - Analog Devices

Part # AD6622AS
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622AS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6622AS Datasheet HTML 13Page - Analog Devices AD6622AS Datasheet HTML 14Page - Analog Devices AD6622AS Datasheet HTML 15Page - Analog Devices AD6622AS Datasheet HTML 16Page - Analog Devices AD6622AS Datasheet HTML 17Page - Analog Devices AD6622AS Datasheet HTML 18Page - Analog Devices AD6622AS Datasheet HTML 19Page - Analog Devices AD6622AS Datasheet HTML 20Page - Analog Devices AD6622AS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD6622
–17–
REV. 0
SUMMATION BLOCK
The summation block of the AD6622 serves to combine the out-
puts of each channel to create a composite multicarrier signal.
The four channels are summed together and the result is then
added with the 18-bit wideband input bus (IN[17:0]). The final
summation is then driven on the 18-bit wideband output bus
(OUT[17:0]) on the rising edge of the high speed clock. If the
OEN input is high, this output bus is three-stated. If the OEN
input is low, this bus will be driven by the summed data. The OEN
is active high to allow the wideband output bus to be connected
to other buses without using extra logic. Most other buses (like
374-type registers) require a low output enable, which is opposite
the AD6622 OEN, thus eliminating extra circuitry.
The wideband output bus may be interpreted as a two’s comple-
ment number or as an offset binary number as defined by Bit 1
of the Summation Mode Control Register at address 0x000.
When this bit is high, the wideband output is in two's comple-
ment mode and when it is low it is configured for offset binary
output data.
The MSB (Bit 17) of the wideband output bus is typically used as
a guard bit for the purpose of clipping the wideband output
bus when Bit 0 of the Summation Mode Control Register at
address 0x000 is high. If clip detection is enabled, Bit 17 of the
output bus is not used as a data bit. Instead, Bit 16 will become the
MSB and be connected to the MSB of the DAC. Configuring
the DAC in this manner gives the summation block a gain of 0 dB.
When clip detection is not enabled and Bit 17 is used as a data
bit, then the summation block will have a gain of –6.02 dB.
There are two data output modes. The first is offset binary. This
mode is used only when driving offset binary DACs. Two’s comple-
ment mode may be used in one of two circumstances. The first is
when driving a DAC that accepts two’s complement data. The
second is when driving another AD6622 in cascade mode.
When clipping is enabled, the two’s complement mode output
bus will clip to 0x0FFFF for output signals more positive than the
output can express, and it will clip to 0x10000 for signals more
negative than the output can express. In offset binary mode the
output bus will clip to 0x1FFFF for output signals more positive
than the output can express, and it will clip to 0x00000 for signals
more negative than the output can express.
Table VI. Numerical Data Representation
Number Represented
Output Representation
+Full-Scale Two’s Complement
0x0FFFF
–Full-Scale Two’s Complement
0x10000
+Full-Scale Offset Binary
0x1FFFF
–Full-Scale Offset Binary
0x00000
The wideband input is always interpreted as an 18-bit two’s
complement number and is typically connected to the wideband
output bus of another AD6622 in order to send more than four
carriers to a single DAC. The Output Bus of the proceeding
AD6622 should be configured in two's complement mode and
clip detection disabled. The 18-bit resolution ensures that the
noise and spur performance of the wideband data stream does
not become the limiting factor as large numbers of carriers are
summed.
There is a two-clock cycle latency from the wideband input
bus to the wideband output bus. This latency may be calibrated
out of the system by use of the start hold-off counter. The pre-
ceding AD6622 in a cascaded chain can be started two high-speed
clock cycles before the following AD6622 is started and the data
from each AD6622 will arrive at the DAC on the same clock
cycle. In systems where the individual signals are not corre-
lated, this is usually not necessary.
The AD6622 is capable of outputting both real and complex
data. When in real mode, the QIN input is tied low signaling that
all inputs on the wideband input bus are real and that all outputs
on the wideband output bus are real. The wideband input bus
will be pulled low and no data will be added to the composite
signal if this port is unused (not connected).
If complex data is desired, there are two ways this can be obtained.
The first method is simply to set the QIN input of the AD6622
high and set the wideband input bus low. This allows the AD6622
to output complex data on the wideband output bus. The I
data samples would be identified when QOUT is low and the Q
data samples would be identified when QOUT is high. The
second method of obtaining complex data is to provide a QIN
signal that toggles on every rising edge of the high-speed clock.
This could be obtained by connecting the QOUT of another
AD6622 to QIN. In a cascaded system the QIN of the first AD6622
in the chain would typically be tied high and the QOUT of the first
AD6622 would be connected to the QIN of the following part.
All AD6622s will synchronize themselves to the QIN input so
that the proper samples are always paired and the wideband out-
put bus represents valid complex data samples.
Table VII. QIN, QOUT Functionality
Wideband
Output Data Type
QIN
Input IN[17:0]
OUT[17:0]
QOUT
Low
Real
Real
Low
High
Zero
Complex
Pulse
Pulsed
Complex
Complex
Pulse
TWO'S COMPLEMENT,
CLIPPING DISABLED
AD6622
QIN
IN
[17:0]
LOGIC1
LOGIC0
QOUT
OUT
[17:0]
AD6622
QIN
IN
[17:0]
OUT
[16:3]
14-BIT
DAC
OFFSET BIN,
CLIPPING
ENABLED
Figure 19. Cascade Operation of Two AD6622s
SYNCHRONIZATION
Three types of synchronization can be achieved with the AD6622.
These are Start, Hop, and Beam. Each is described in detail below.
The synchronization is accomplished with the use of a shadow
register and a hold-off counter. See Figure 20 for a simplified
schematic of the NCO Shadow Register and NCO Freq Hold-
Off Counter to understand basic operation. Enabling the clock
(AD6622 CLK) for the Hold-Off Counter can occur with either
a Soft Sync (via the Microport), or a Pin Sync (via the AD6622
sync pin, Pin 62). The functions that include shadow registers
to allow synchronization include:
1. Start
2. Hop (NCO Frequency)
3. Beam (NCO Phase Offset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com