Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6622AS Datasheet(PDF) 23 Page - Analog Devices

Part # AD6622AS
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622AS Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6622AS Datasheet HTML 19Page - Analog Devices AD6622AS Datasheet HTML 20Page - Analog Devices AD6622AS Datasheet HTML 21Page - Analog Devices AD6622AS Datasheet HTML 22Page - Analog Devices AD6622AS Datasheet HTML 23Page - Analog Devices AD6622AS Datasheet HTML 24Page - Analog Devices AD6622AS Datasheet HTML 25Page - Analog Devices AD6622AS Datasheet HTML 26Page - Analog Devices AD6622AS Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD6622
–23–
REV. 0
INTERNAL CONTROL REGISTERS AND ON-CHIP RAM
Listed below is the mapping of internal AD6622 registers.
Table XIII. Internal Memory Map
Address
Bit Width
Name
Notation
Description
Common Function Registers (Not Associated with a Particular Channel)
0x000
8
Summation MODE Control
0: Clip Wideband Output
1: Offset Binary Wideband Output
2: Reserved, Must Be Set High
3–7: Reserved, Should Be Set Low
0x001
8
Sync MODE Control
0: Ch. A Sync Pin Enable
1: Ch. B Sync Pin Enable
2: Ch. C Sync Pin Enable
3: Ch. D Sync Pin Enable
4: Start on Pin Sync
5: Hop on Pin Sync
6: Beam Steer on Pin Sync
7: First Sync Only
Channel Function Registers (0x1XX = Ch. A, 0x2XX = Ch. B, 0x3XX = Ch. C, 0x4XX = Ch. D )
0x100
16
Start Update Hold-Off Counter
Start Update Hold Off Counter
0x101
8
NCO Control
1-0: Ch. A NCO Output Scale
2: Ch. A NCO Clear Phase Accum on Sync
3: Ch. A NCO Phase Dither Enable
4: Ch. A NCO Amp Dither Enable
7–5: Reserved
0x102
32
NCO Frequency
Ch. A NCO Frequency Value
0x103
16
NCO Freq Hold Off
Ch. A NCO Frequency Update Hold-Off Ctr
0x104
16
NCO Phase Offset
Ch. A NCO Phase Offset
0x105
16
NCO Phase Hold Off
Ch. A NCO Phase Offset Update Hold-Off Ctr
0x106
8
CIC Scale
4–0: Ch. A CIC Scale
7–5: Reserved
0x107
8
Reserved
7–0: Reserved
0x108
8
CIC2 Interpolation-1
Ch. A CIC2 Interpolation Factor-1
0x109
8
CIC5 Interpolation-1
Ch. A CIC5 Interpolation Factor-1
0x10A
8
RCF Coefficient Count
NRCF-1
6–0: Ch. A RCF Coefficient Count, NRCF–1
7: Reserved
0x10B
8
RCF Coefficient Offset
ORCF
6–0: Ch. A RCF Coefficient Offset
7: Reserved
0x10C
8
Channel MODE Control 1
NRCF/LRCF-1
3–0: Ch. A NRCF/LRCF–1
5–4: Ch. A Input Format:
00 = FIR
6: Reserved
7: Reserved
0x10D
8
Channel MODE Control 2
4–0: Ch. A Serial Clock Divider
5: Ch. A Phase EQ Enable
7–6: Ch. A RCF Coarse Scale:
00 = 0 dB
01 = –6 dB
10 = –12 dB
11 = –18 dB
0x10E
16
15–0: Reserved
0x10F
16
15–0: Reserved
0x110
16
Reserved
Reserved
0x111
16
Reserved
Reserved
0x112–0x11F
Reserved
Reserved
0x120–0x13F
16
Data Memory
Ch. A Data Memory
0x140–0x17F
16
Reserved
Reserved
0x180–0x1FF
16
Coefficient Memory
Ch. A Coefficient Memory
Additional Channels
0x200–0x2FF
Various
Channel B
Ch. B Registers (Organized as Ch. A Above)
0x300–0x3FF
Various
Channel C
Ch. C Registers (Organized as Ch. A Above)
0x400-0x4FF
Various
Channel D
Ch. D Registers (Organized as Ch. A Above)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com