Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6623
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6623 Datasheet HTML 9Page - Analog Devices AD6623 Datasheet HTML 10Page - Analog Devices AD6623 Datasheet HTML 11Page - Analog Devices AD6623 Datasheet HTML 12Page - Analog Devices AD6623 Datasheet HTML 13Page - Analog Devices AD6623 Datasheet HTML 14Page - Analog Devices AD6623 Datasheet HTML 15Page - Analog Devices AD6623 Datasheet HTML 16Page - Analog Devices AD6623 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
REV. 0
AD6623
–13–
PIN CONFIGURATION
196-Lead BGA
A
B
C
D
E
F
G
H
J
K
L
M
N
P
NC = NO CONNECT
1
NC
OUT2
OUT5
OUT8
OUT9
OUT11
OUT14
OUT16
QOUT
NC
2
OUT1
OUT4
OUT4
OUT10
OUT13
D6
3
OUT0
OUT3
OUT6
OUT12
OUT17
OUT15
D7
4
SDFID
OEN
SDFOD
D4
D5
D2
5
SDINC
SDIND
VDDIO
VDD
VDDIO
VDD
VDDIO
VDD
D1
D3
6
SDINB
SDFOC
SKLKD
VDD
GND
GND
GND
GND
VDDIO
DTACK
(RDY)
D0
7
SDFOB
SDFIC
SKLKC
VDDIO
GND
GND
GND
GND
VDD
MODE
(ALE)
RW(
WR)
8
SCLKB
SDINA
SDFIB
VDD
GND
GND
GND
GND
VDDIO
A1
9
SCLKA
TDI
SDFOA
VDDIO
GND
GND
GND
GND
VDD
RESET
A0
A2
10
TDO
TMS
VDD
VDDIO
VDD
VDDIO
VDD
VDDIO
SYNC0
CS
11
SDFIA
TRST
SYNC1
12
TCK
IN2
IN3
IN6
IN12
IN16
QIN
13
IN5
IN8
IN11
IN14
IN17
CLK
14
NC
IN0
IN1
IN4
IN7
IN9
IN10
IN13
IN15
SYNC3
SYNC2
NC
BALL LEGEND
I/O
GROUND
CORE POWER
RING POWER
15mm sq.
1.0mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
DS(RD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com